전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VS-13-R/N

  • AI
    The **M2VS-13-R/N** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is part of the Mini-M series, designed to convert a DC input signal into a standard process output signal while providing galvanic isolation. --- ## 1. Technical Specifications The "M2VS-13-R/N" model code defines specific electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Model Series** | M2VS (Mini-M Signal Conditioner) | | **Input (1)** | 0 – 10V DC | | **Output (3)** | 0 – 1V DC | | **Power Input (R)** | 24V DC | | **Option (N)** | None (Standard configuration) | | **Isolation** | Input to output to power | | **Construction** | Plug-in structure | --- ## 2. Key Internal Electronic Components The device functions through three primary electronic stages: ### A. Input Stage * **Voltage Divider/Buffer:** High-impedance circuitry that scales the 0-10V input without loading the source signal. * **Surge Protection:** Includes Zener diodes or varistors to protect against voltage spikes. ### B. Isolation Barrier * **Optical or Magnetic Isolator:** This is the core component. It uses an optocoupler or a transformer-based magnetic coupling to transfer the signal without a direct electrical connection. * **Purpose:** Prevents ground loops and protects sensitive control systems (like a PLC) from field-side electrical noise. ### C. Output Stage * **Operational Amplifiers (Op-Amps):** Precise amplifiers scale the isolated signal to the 0-1V range. * **Zero/Span Adjustment:** Potentiometers located on the front panel allow for fine-tuning the electronic calibration ($\pm 5\%$). --- ## 3. Physical & Installation Features * **Wiring:** Uses a M3 screw terminal base. * **LED Indicator:** A power indicator LED on the front confirms the internal DC-DC converter is functioning. * **Housing:** Flame-resistant resin (black). --- ## 4. Signal Conversion Logic The relationship between input and output for this specific model is linear: | Input (V DC) | Output (V DC) | | :--- | :--- | | 0V | 0V | | 5V | 0.5V | | 10V | 1.0V | ---
    ✨ Follow-up Questions
    • ⤷ What is the isolation voltage rating for the M2VS series?
    • ⤷ Can the output signal range be changed manually via internal jumpers?
    • ⤷ How do I wire the 24V DC power supply to this specific model?