전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VS-161-R2/N

  • AI
    The **M2VS-161-R2/N** is a specific model of a **Miniature Potentiometer Transmitter** (or signal conditioner) manufactured by **M-System**. It is designed to interface with a potentiometer and convert its resistance position into a standard analog signal for industrial control systems. --- ### 1. Core Specifications Below are the primary electronic characteristics of this specific model: | Feature | Specification | | :--- | :--- | | **Input Type** | Potentiometer (Total resistance: 100 $\Omega$ to 10 k$\Omega$) | | **Output Type** | 4 – 20 mA DC (Current Loop) | | **Power Input** | 24V DC | | **Accuracy** | ±0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Housing** | Plug-in socket type | --- ### 2. Electronic Component Functionality The device consists of several critical internal circuits that handle signal processing: #### A. Excitation Circuit The transmitter applies a constant reference voltage (usually around 0.5V to 1.0V) across the potentiometer. As the wiper moves, the voltage ratio changes. This circuit is designed to be high-precision to ensure that fluctuations in the power supply do not affect the measurement accuracy. #### B. Signal Conditioning & Amplification Since the output of a potentiometer can be noisy or weak, the internal electronics include: * **Operational Amplifiers (Op-Amps):** Used to buffer the wiper voltage to prevent loading errors. * **Linearization:** Ensures the mechanical movement of the pot is mapped linearly to the 4-20mA signal. #### C. Isolation (Galvanic Separation) The "/N" in many M-System codes or the standard M2V series architecture usually implies a level of isolation: * **Input-to-Output Isolation:** Protects the control system (PLC/DCS) from ground loops or electrical surges originating at the field sensor. * **Power Isolation:** Prevents power supply noise from interfering with the analog signal. --- ### 3. Wiring and Pin Configuration The M2VS-161-R2/N typically uses an 8-pin or 11-pin base. The electronic connections are categorized as follows: 1. **Potentiometer Terminals:** * **High (CW):** Top of the resistor. * **Low (CCW):** Bottom of the resistor. * **Wiper (S):** The moving contact. 2. **Output:** Terminals for the 4-20mA loop. 3. **Power:** Positive and Negative 24V DC terminals. --- ### 4. Adjustments (Trim Pots) On the front or side of the electronic module, you will find two small potentiometers for calibration: * **ZERO:** Adjusts the output to exactly 4mA when the potentiometer is at its minimum position. * **SPAN:** Adjusts the output to exactly 20mA when the potentiometer is at its maximum position.
    ✨ Follow-up Questions
    • ⤷ How do I wire a 3-wire potentiometer to the M2VS-161-R2/N?
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?
    • ⤷ How does the /N suffix specifically change the hardware configuration compared to the standard model?