전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VS-C3-R2/

  • AI
    The **M2VS-C3-R2** is a high-performance, ultra-slim signal conditioner (isolator) manufactured by **M-System**. It is designed to convert an analog input signal into a standard process output signal while providing galvanic isolation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M2VS (Ultra-slim Signal Conditioner) | | **Input (C3)** | 1 – 5 V DC | | **Output (R2)** | 4 – 20 mA DC (Load resistance: 550 $\Omega$ max.) | | **Power Input** | 100 – 240 V AC (Wide range) | | **Accuracy** | ±0.1% | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way (Input to Output to Power) | | **Dielectric Strength** | 2000 V AC @ 1 minute | --- ### 2. Electronic Component Breakdown The device functions through several internal stages to ensure signal integrity: #### A. Input Stage (Signal Conditioning) * **High Impedance Buffer:** The 1–5V input is received via a high-impedance circuit to prevent loading the source sensor. * **Filtering:** Low-pass filters are used to remove high-frequency noise and electromagnetic interference (EMI) from the industrial environment. #### B. Isolation Barrier (Galvanic Isolation) * **Transformer/Optical Coupling:** The "R2" designation implies a robust isolation circuit. This prevents "Ground Loops" which can distort data and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. #### C. Output Stage (Current Driver) * **Precision Resistors:** Used to calibrate the specific 4–20mA output range. * **Operational Amplifiers (Op-Amps):** These maintain a constant current output regardless of the load resistance (up to 550 $\Omega$), ensuring the signal remains accurate over long cable runs. #### D. Power Supply Module * **Switching Regulator:** The 100–240V AC input is stepped down and rectified. The internal circuitry typically operates on low-voltage DC, regulated to ensure zero drift despite fluctuations in the main AC line. --- ### 3. Physical & Installation Features * **Form Factor:** 5.9 mm wide (Ultra-slim), allowing for high-density mounting on DIN rails. * **LED Indicator:** Typically includes a power LED to indicate the status of the internal electronics. * **Termination:** Tension clamp or screw terminals depending on the specific sub-variant. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the input and output terminals of the M2VS?
    • ⤷ How does this model handle zero and span adjustments?
    • ⤷ What are the environmental temperature limits for the M2VS-C3-R2?