전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VS-CB-R

  • AI
    The **M2VS-CB-R** is a high-performance, ultra-slim signal conditioner (isolator) manufactured by **M-System**. This specific model is designed to accept a DC voltage input and provide a standardized DC voltage output with complete galvanic isolation. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Function** | DC Voltage Isolator (Ultra-slim) | | **Input Signal** | 0 – 10V DC (Standard for 'V' designation) | | **Output Signal** | 4 – 20mA DC (Standard for 'A' designation) or Voltage | | **Power Input (R)** | 24V DC | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 2. Electronic Component Categories #### A. Input Circuitry (Signal Conditioning) The input stage utilizes high-precision operational amplifiers (Op-Amps) and a resistor network to scale the incoming voltage (e.g., 0-10V). It features high input impedance to prevent loading effects on the source sensor or controller. #### B. Isolation Barrier (Galvanic Isolation) This is the core "Electronic Part" of the M2VS series. It uses **Transformer Isolation**: * **Modulator:** Converts the DC input into a high-frequency AC signal. * **Transformer:** Passes the AC signal across a physical gap to prevent electrical surges or ground loops from traveling between circuits. * **Demodulator:** Converts the signal back into a stable DC level on the output side. #### C. Power Supply Module (The "R" Suffix) The "R" in the model name indicates a **24V DC power requirement**. Internally, this involves: * **DC/DC Converter:** An internal switching regulator that stabilizes the 24V input and provides isolated power rails to both the input and output stages. * **Protection:** Includes polarity protection and surge suppression (TVs diodes) to protect the internal silicon from spikes. #### D. Output Stage Consists of a drive circuit capable of pushing the signal through the required load (up to 500Ω for current loops or low-impedance for voltage outputs). It ensures the output remains linear relative to the input. --- ### 3. Physical Layout & Connection The M2VS series uses a plug-in base or DIN-rail mounting system. * **Front LEDs:** Usually includes a power indicator LED to signify the internal DC/DC converter is functioning. * **Zero/Span Adjustments:** Small potentiometers (trimmers) located on the front panel allow for fine-tuning the electronic calibration of the output. --- ### 4. Part Number Breakdown: M2VS-CB-R * **M2VS:** Series name (Ultra-slim Signal Conditioner). * **C:** Input Code (typically 0 – 1V DC, though specific codes vary by regional catalog). * **B:** Output Code (typically 2 – 10V DC). * **R:** Power Input (24V DC).
    ✨ Follow-up Questions
    • ⤷ What is the difference between transformer isolation and optical isolation in these units?
    • ⤷ How do I calibrate the Zero and Span trimmers on the M2VS?
    • ⤷ Can this unit be mounted on a standard DIN rail?