전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VS-DB-R/Q

  • AI
    The **M2VS-DB-R/Q** is a high-performance signal conditioner (transmitter) from the **M2-UNIT series** manufactured by M-System (now MG CO., LTD.). This specific model is an **Ultra-slim Signal Conditioner** designed to convert a DC input into two isolated DC outputs. --- ### 1. Model Breakdown (Nomenclature) Understanding the alphanumeric code explains the internal electronics and capabilities: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2VS** | Series Name | Ultra-slim (5.9mm wide) Signal Conditioner | | **-DB** | Input/Output Type | DC Input / Dual DC Output | | **-R** | Power Input | 24V DC | | **-Q** | Special Option | Conformal coating (often for moisture/corrosion protection) | --- ### 2. Key Electronic Components & Features #### A. Isolation Circuitry The device features **3-way isolation**. This is achieved using internal high-speed optocouplers or transformers to separate: * **Input Stage:** Receives the raw signal (e.g., 4-20mA or 0-10V). * **Output Stage:** Sends isolated signals to the PLC/DCS. * **Power Stage:** Protects the device from power surges. * *Dielectric Strength:* Usually rated at 2000V AC @ 1 minute. #### B. Signal Conversion & Microprocessor While the unit acts as a linear transmitter, it utilizes high-precision operational amplifiers and A/D converters to ensure low linearity error ($\pm 0.1\%$). * **Input Resistance:** Typically $1 \text{ M}\Omega$ for voltage inputs or $250 \Omega$ for current inputs. * **Response Time:** Internal filtering allows for a response time of $\leq 0.5$ seconds (0 to 90%). #### C. Physical Construction (The "Ultra-slim" Design) The electronics are housed in a specialized **5.9 mm wide** tension-clamp terminal block. This high-density packaging uses: * **SMD (Surface Mount Devices):** To fit the complex isolation circuitry in a slim profile. * **Tension Clamp Terminals:** For vibration-resistant wiring. --- ### 3. Specifications Summary | Feature | Specification | | :--- | :--- | | **Power Consumption** | Approx. 0.6 W | | **Operating Temp** | -25 to +55°C (-13 to +131°F) | | **Zero Adjustment** | -5 to +5% (Front accessible) | | **Span Adjustment** | 95 to 105% (Front accessible) | | **Mounting** | DIN Rail | --- ### 4. Wiring Diagram (Conceptual) The internal electronic routing follows this logic: ```text [ FIELD SIDE ] [ ISOLATION BARRIER ] [ CONTROL SIDE ] Input (+) ----[ Surge ]----[ A/D ]--|--[ Opto ]----[ D/A ]---- Output 1 (+) Input (-) ----[ Prot. ]-------------|--------------[ Amp ]---- Output 1 (-) | |--[ Opto ]----[ D/A ]---- Output 2 (+) |--------------[ Amp ]---- Output 2 (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output signal ranges supported by the M2VS-DB?
    • ⤷ How does the 'Q' conformal coating affect the electronics in harsh environments?
    • ⤷ What is the maximum load resistance for Output 1 and Output 2?