AI

The **M2VT-16D-R/Q** is a high-precision, signal-conditioning plug-in module, typically manufactured by companies like **M-System**. This specific model is a **Potentiometer Transmitter**, designed to convert resistance changes from a potentiometer into a standardized DC signal.
---
### 1. Model Breakdown
The alphanumeric code identifies the specific electrical characteristics of the unit:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **M2VT** | Series Name | Mini-M Series Signal Conditioner |
| **16** | Input Type | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) |
| **D** | Output Type | 0 – 20 mA DC (Configurable) |
| **R** | Power Input | 24V DC |
| **Q** | Option Code | Usually designates specialized standards or coatings |
---
### 2. Core Electronic Components & Functions
The internal circuitry of the M2VT-16D-R/Q is designed for industrial isolation and precision.
#### A. Input Circuit (Potentiometer Interface)
* **Constant Voltage Source:** The device applies a stable reference voltage across the potentiometer.
* **Wiper Sensing:** High-impedance circuitry detects the voltage at the wiper without loading the circuit, ensuring linearity.
#### B. Isolation Barrier
* **Three-Way Isolation:** The electronics are designed to isolate the **Input**, **Output**, and **Power** supply from one another (usually up to 2000V AC). This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges.
#### C. Signal Conversion (Amplification)
* **Operational Amplifiers:** High-precision op-amps scale the millivolt signal from the potentiometer to the desired current output.
* **Zero/Span Adjustments:** Potentiometers located on the front panel allow for manual calibration of the minimum (Zero) and maximum (Span) points.
#### D. Power Management
* **DC/DC Converter:** Since the unit is powered by 24V DC, internal converters regulate this power to stable internal voltages for the logic and sensing components.
---
### 3. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Resistance** | Total resistance $100 \Omega$ to $10 k\Omega$ |
| **Minimum Span** | 10% of total resistance |
| **Output Range** | 0 to 20 mA DC |
| **Accuracy** | $\pm$0.1% |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Mounting** | DIN Rail |
---
### 4. Wiring Pinout (Typical)
* **Terminals 1, 2, 3:** Input from Potentiometer (1: High, 2: Wiper, 3: Low).
* **Terminals 4, 5:** Output Signal (+ / -).
* **Terminals 6, 7:** Power Supply (24V DC).
- ⤷
How do you calibrate the Zero and Span on the M2VT-16D?
- ⤷ What are the common industrial applications for potentiometer transmitters?
- ⤷ Can this module be used with a 3-wire RTD instead of a potentiometer?