전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VT-16D-R2/N

  • AI
    The **M2VT-16D-R2/N** is a specific model of a **Slim-style Terminal Block I/O Relay Terminal** (often associated with brands like Weidmüller or similar industrial automation manufacturers). It is designed to bridge the gap between high-level controllers (like PLCs) and field devices. --- ### 1. Key Technical Specifications The technical architecture of the M2VT-16D-R2/N is defined by its density and electrical ratings: | Feature | Specification | | :--- | :--- | | **Number of Channels** | 16 Channels (Digital I/O) | | **Input Voltage** | 24V DC (Standard for Industrial Control) | | **Relay Type** | Electromechanical or Solid State (Slim profile) | | **Connection Type** | Screw or Tension Clamp terminals | | **Mounting** | DIN Rail (TS 35) | | **Contact Material** | AgSnO2 (Silver Tin Oxide) or similar | --- ### 2. Electronic Component Breakdown The internal circuitry of this module consists of several critical stages to ensure signal integrity and safety: #### A. The Switching Element (Relay) Each of the 16 channels features an individual **Slim Relay**. These components provide **Galvanic Isolation**, meaning there is no direct electrical path between the control side (PLC) and the load side (Motors/Valves). This protects sensitive electronics from power surges. #### B. Protection Circuitry * **Freewheeling Diodes:** These are placed across the relay coils to suppress "back EMF" (voltage spikes) that occur when the relay is de-energized. * **Reverse Polarity Protection:** Prevents damage to the module if the 24V DC input wires are accidentally swapped. #### C. Visual Indicators * **Status LEDs:** Each channel typically features a Green or Yellow LED. When the LED is lit, the electronic coil is energized, and the contact is closed. #### D. Connection Interface * **Terminal Blocks:** High-quality copper alloy connectors designed for industrial vibrations. * **Multi-pole Connector:** Often uses a 20-pin or 40-pin ribbon cable connector (like MIL-C-83503) to quickly connect all 16 signals to the PLC with a single cable. --- ### 3. Application Use Case This part is primarily used in **Control Cabinet Wiring** to: 1. **Amplify Signals:** A PLC might only output 100mA, but the M2VT-16D-R2/N allows it to switch loads up to 5A or 10A per channel. 2. **Space Saving:** The "Slim" (M2VT) designation means the relays are only 6mm to 10mm wide, allowing 16 relays to fit in a very small footprint on a DIN rail. 3. **Maintenance:** Since relays are modular, if one channel fails, only that specific relay needs to be swapped rather than replacing the entire I/O card of the PLC.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating per channel for the M2VT-16D-R2/N?
    • ⤷ Is this module compatible with both PNP and NPN logic?
    • ⤷ How does the 'R2' designation differ from earlier versions of this terminal?