전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VT-A1-R2

  • AI
    The **M2VT-A1-R2** is a high-performance **Programmable Signal Conditioner** (also known as a transducer or transmitter) manufactured by **M-System**. It is designed to convert DC input signals into isolated standard process signals. --- ## 1. Core Technical Specifications | Feature | Specification | |:---|:---| | **Model Series** | M2VT (Mini-M Series) | | **Input Type** | Programmable DC Voltage/Current | | **Output Type** | Programmable DC Voltage/Current | | **Power Input (R2)** | 11 – 27 V DC | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (input to output to power) | | **Mounting** | DIN rail or Surface mounting | --- ## 2. Key Electronic Components & Internal Logic The M2VT-A1-R2 is not just a passive converter; it is a microprocessor-based electronic device. Its internal architecture consists of several critical sections: ### A. Input Conditioning Circuit * **A/D Converter:** Converts the incoming analog DC signal (e.g., 4-20mA or 0-10V) into a digital value for processing. * **Protection Circuit:** Includes surge protectors and noise filters to handle industrial interference. ### B. Microprocessor (MCU) * The "brain" of the unit. It applies scaling, linearization, and calibration factors. * It allows for **PC Programmability**, meaning you can change the input/output ranges via a PC interface (using the M-System configuration software). ### C. Isolation Barrier (3-Way) * Uses **Optical or Magnetic Isolators** to separate the Input, Output, and Power circuits. * **Dielectric Strength:** Typically rated for 2000V AC for 1 minute. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. ### D. Output Generation * **D/A Converter:** Converts the processed digital data back into an analog signal. * **Operational Amplifiers:** Drive the final output signal to ensure it maintains the required current or voltage across the specified load. --- ## 3. Detailed Model Code Breakdown The suffix **"A1-R2"** provides specific details about the hardware configuration: 1. **M2VT**: Basic model series (Programmable Transmitter). 2. **A**: Designates the specific input/output configuration (usually Input 1). 3. **1**: Specific hardware version or functional type. 4. **R2**: Power Supply Requirement (**11 – 27 V DC**). --- ## 4. Practical Application This part is commonly used in industrial automation to: * Interface a sensor with a 0-5V output to a PLC that only accepts 4-20mA. * Isolate field signals to prevent electrical noise from crashing a control system. * Scale a specific sensor range (e.g., 1-3V) to a standard range (0-10V).
    ✨ Follow-up Questions
    • ⤷ How do I configure the M2VT-A1-R2 using a PC?
    • ⤷ What is the maximum load resistance for the current output?
    • ⤷ Can this module be used for thermocouple or RTD inputs?