M2VT-A3-R/CE
AI

The **M2VT-A3-R/CE** is a high-performance **Thin-Type Signal Conditioner (Isolator)** manufactured by **M-System** (now part of MG CO., LTD). It is designed to convert an input signal into a standard process signal while providing galvanic isolation between the input, output, and power supply.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Model Type** | M2VT (Thin-type Signal Conditioner) |
| **Input Signal** | 4 – 20 mA DC |
| **Output Signal (A3)** | 1 – 5 V DC |
| **Power Input (R)** | 24 V DC |
| **Standards (CE)** | CE Marking compliant (EMC and Low Voltage Directives) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting |
---
### 2. Breakdown of the Part Number
The suffix codes define the specific electronic characteristics:
* **M2VT**: The series name (Ultra-slim, plug-in signal conditioner).
* **A3**: Represents the specific Output range (1 to 5 Volts DC).
* **R**: Indicates the Power Supply requirement (24 Volts DC).
* **CE**: Confirms the unit meets European safety and electromagnetic compatibility standards.
---
### 3. Electronic Architecture & Components
The device acts as an interface between field sensors and control systems (PLC/DCS).
#### A. Input Circuit (4-20mA)
The input stage consists of a precision shunt resistor. As the current (4-20mA) passes through, it creates a proportional voltage drop which is then processed by the internal circuitry.
#### B. Isolation Barrier
This is a critical electronic component. It uses **Optical or Transformer isolation** to physically separate the input and output circuits.
* **Purpose:** Prevents ground loops and protects sensitive PLC equipment from high-voltage surges or electrical noise on the field side.
* **Isolation Resistance:** Typically 100 MΩ or more with 500 V DC.
#### C. Signal Conditioning & Output
The internal operational amplifiers (Op-Amps) scale and linearize the signal. The "A3" configuration ensures that even if the input is current-based, the output provided to the controller is a stable 1-5V voltage signal.
#### D. Performance Parameters
* **Accuracy:** Typically ±0.1% of span.
* **Response Time:** Approximately 0.5 seconds (0 to 90%).
* **Temperature Coefficient:** ±0.015% per °C (ensures stability in industrial environments).
---
### 4. Wiring Diagram Overview
| Terminal No. | Function | Connection |
| :--- | :--- | :--- |
| **1 & 2** | Output (+) / (-) | To PLC/DCS Analog Input (1-5V) |
| **3 & 4** | Input (+) / (-) | From Sensor/Transmitter (4-20mA) |
| **5 & 6** | Power (+) / (-) | 24V DC Supply |
- ⤷
What is the maximum load resistance for the M2VT-A3-R/CE output?
- ⤷ Does this model support 'Hot-swapping' on the DIN rail?
- ⤷ What are the specific EMC directives covered by the CE marking for this isolator?