전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VT-A4-R2

  • AI
    The **M2VT-A4-R2** is a high-performance, plug-in type signal conditioner (specifically a **V-Network Isolator**) manufactured by **M-System**. It is designed to accept a voltage input and provide an isolated DC output. --- ### 1. Key Technical Specifications The model number can be broken down into specific electronic configurations: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2VT | Mini-M Series V-Network Isolator | | **Input (A)** | 4 – 20 mA DC | Standard current loop input | | **Output (4)** | 0 – 10 V DC | High voltage output signal | | **Power Input (R)** | 24V DC | Standard industrial DC power supply | | **Standard (2)** | UL / CE | Compliance with safety and emission standards | --- ### 2. Core Electronic Components & Architecture The device functions through three primary stages to ensure signal integrity: 1. **Input Circuitry:** Consists of a precision shunt resistor to convert current to voltage and a low-pass filter to remove high-frequency noise from the field sensors. 2. **Isolation Barrier:** Uses **Optical or Galvanic Isolation**. This physically separates the input, output, and power circuits. It prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges (typically up to 2000V AC). 3. **Output Conversion:** An operational amplifier (Op-Amp) stage scales the signal to the 0–10V range. It includes calibration potentiometers (Zero/Span) located on the front panel for fine-tuning. --- ### 3. Physical & Installation Features * **Construction:** Small, plug-in socket structure. The electronic "brains" are in the module, which plugs into a base (M2-series base). * **Wiring:** Uses M3 screw terminals. * **Status Indicators:** Usually equipped with a Power LED to indicate the health of the 24V DC supply. --- ### 4. Application Context The M2VT-A4-R2 is typically used in industrial automation to: * **Eliminate Ground Loops:** When the sensor and the controller are at different potential levels. * **Signal Conversion:** Converting a 4-20mA sensor signal into a 0-10V signal required by older or specific analog input cards. * **Safety:** Protecting the control room hardware from field-side electrical faults.
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the M2VT series?
    • ⤷ How do you calibrate the Zero and Span on this specific model?
    • ⤷ Can this module be mounted on a standard DIN rail?