전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VT-BA-R/K

  • AI
    The **M2VT-BA-R/K** is a specific model within the **M2VT series** of mini-slot plug-in signal conditioners, manufactured by **M-System (now MG CO., LTD)**. This device is an ultra-slim, signal-powered or DC-powered isolator/transmitter designed for industrial automation and process control. Below is the breakdown of the electronic parts and specifications for this specific model code. ### 1. Model Code Breakdown The suffix configuration determines the internal electronic behavior and power requirements: | Code Segment | Description | Specific Detail | |:---|:---|:---| | **M2VT** | Series Name | Mini-slot Plug-in V-Unit (Variable range/Isolator) | | **BA** | Input/Output | **B:** 4 – 20 mA DC Input / **A:** 4 – 20 mA DC Output | | **R** | Power Input | **R:** 24 V DC (Standard) | | **K** | High-Accuracy | **K:** Optional high-accuracy/fast response version | --- ### 2. Electronic Component Characteristics The M2VT-BA-R/K utilizes high-grade industrial electronics to ensure signal integrity across the isolation barrier. #### A. Input Circuit (4 – 20 mA) * **Input Resistance:** Typically around $250\ \Omega$ for current inputs. * **Protection:** Includes surge protection and current-limiting resistors to prevent damage from over-current conditions. #### B. Isolation Barrier (The "Isolator") * **Method:** Uses **Optical Coupling** or **Magnetic Isolation** to separate the input, output, and power circuits. * **Isolation Resistance:** $\geq 100\ \text{M}\Omega$ at 500 V DC. * **Dielectric Strength:** Usually rated for 2000 V AC @ 1 minute (Input to output to power to ground). #### C. Power Supply Section (Code R) * **Operating Voltage:** 24 V DC ($\pm 10\%$). * **Current Consumption:** Low power draw, typically $\leq 50\ \text{mA}$. * **Filtering:** Internal electrolytic capacitors and Zener diodes are used to stabilize voltage ripples and prevent electromagnetic interference (EMI). #### D. Output Stage (4 – 20 mA) * **Load Resistance:** Capable of driving loads up to $550\ \Omega$. * **Operational Amplifiers:** High-precision op-amps ensure that the output remains linear to the input within a $\pm 0.1\%$ span. --- ### 3. Technical Specifications Summary | Feature | Specification | |:---|:---| | **Accuracy** | $\pm 0.1\%$ of span | | **Response Time** | $\leq 0.5$ seconds (0 to 90%) | | **Temperature Coefficient** | $\pm 0.015\% / ^\circ\text{C}$ | | **Housing Material** | Flame-resistant resin (Black) | | **Mounting** | Surface or DIN rail via socket | --- ### 4. Terminal Connection Diagram The device typically uses a 8-pin or 11-pin base. The internal electronic routing follows this logic: ```text [INPUT +] ----> (Internal Conditioner) ----> [OUTPUT +] [INPUT -] ----> (Optical Isolation) ----> [OUTPUT -] ^ | [24V DC POWER] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the standard M2VT and the 'K' high-accuracy version?
    • ⤷ How do I wire the M2VT-BA-R/K to a 2-wire transmitter?
    • ⤷ What are the common troubleshooting steps if the output signal is stuck at 4mA?