전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VT-D3-R2/K

  • AI
    The **M2VT-D3-R2/K** refers to a high-performance signal conditioner/transmitter, typically manufactured by **M-System**. This specific model is a **Plug-in Temperature Transmitter** (Thermocouple input) belonging to the M2-UNIT series. Below is the breakdown of its electronic specifications, architecture, and functional components. --- ## 1. Core Technical Specifications The model code identifies the specific configuration of the electronic internals: | Component | Specification | Description | | :--- | :--- | :--- | | **Input (T)** | Thermocouple | Supports various types (K, E, J, T, B, R, S, C). | | **Output (D3)** | 4 – 20 mA DC | Standard industrial current loop output (Load resistance 750 $\Omega$ max). | | **Power (R2)** | 11 – 27 V DC | Low voltage DC power requirement. | | **Option (/K)** | Multi-channel/Special | Often denotes custom calibration or specific terminal coating. | --- ## 2. Internal Electronic Architecture The device functions through a series of internal electronic stages to ensure signal integrity: ### A. Analog Input Stage * **Cold Junction Compensation (CJC):** An internal thermistor or RTD measures the temperature at the terminal block to compensate for the voltage generated by the junction of the thermocouple wires and the copper terminals. * **High Impedance Buffer:** Prevents loading effects on the thermocouple, ensuring accurate voltage sensing. * **Burnout Protection:** A small current circuit detects if the thermocouple wire is broken (upscale or downscale burnout). ### B. Isolation Barrier * **Three-Way Isolation:** The device provides electronic isolation between **Input**, **Output**, and **Power**. * **Method:** Typically uses optoisolators or magnetic transformers to prevent ground loops and protect control systems from high-voltage surges (up to 2000V AC). ### C. Signal Conversion & Output * **Linearization:** Thermocouple signals are non-linear. The internal circuitry applies a polynomial correction to ensure the 4-20mA output is linear to the actual temperature. * **D/A Converter:** Converts the processed digital signal back into a precise analog current loop. --- ## 3. Physical & Connection Layout The electronic interface is housed in a plug-in style case for DIN rail mounting. | Terminal No. | Function | Description | | :--- | :--- | :--- | | **4 & 5** | Input (+) / (-) | Connection for the Thermocouple leads. | | **1 & 2** | Output (+) / (-) | The 4-20mA signal sent to the PLC/DCS. | | **7 & 8** | Power Supply | 24V DC (typical) power input. | --- ## 4. Key Electronic Features * **Response Time:** Usually $\leq 0.5$ seconds (0 to 90%). * **Accuracy:** $\pm 0.1\%$ of span (depends on the thermocouple type). * **Temperature Coefficient:** $\pm 0.015\% / ^\circ C$, ensuring stability in changing cabinet environments. * **Housing:** Flame-resistant resin (Black). ---
    ✨ Follow-up Questions
    • ⤷ How do I configure the burnout direction for the M2VT-D3-R2/K?
    • ⤷ What is the specific isolation voltage rating for the M2-Unit series?
    • ⤷ Can this model be used with an RTD input instead of a thermocouple?