전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2XF2-Z1V2-R/UL

  • AI
    The **M2XF2-Z1V2-R/UL** is a high-performance, industrial-grade power entry module (PEM) often used in telecommunications, medical equipment, and high-end server environments. It combines multiple functions into a single integrated component to save space and reduce electromagnetic interference (EMI). ### 1. Component Overview This part is essentially a **filtered AC power inlet**. It is designed to sit between the external AC power cord and the internal electronics of a device to clean the electricity and protect the system. --- ### 2. Key Electronic Specifications The "V2" and "R" suffixes in the part number usually denote specific filtering stages and ROHS compliance. | Parameter | Specification (Typical) | | :--- | :--- | | **Current Rating** | 10A to 20A (depending on configuration) | | **Voltage Rating** | 115V / 250V AC | | **Operating Frequency** | 50 / 60 Hz | | **Inlet Type** | IEC 60320 C14 or C20 | | **Filter Stages** | Dual-stage (High suppression) | | **Compliance** | UL (Underwriters Laboratories) / CSA / VDE | --- ### 3. Integrated Electronic Parts The internal circuit of this module consists of several passive components designed for "Noise Suppression": * **X-Capacitors (Line-to-Line):** These handle differential mode noise. They are designed to fail "short" to trigger a fuse rather than causing a fire risk. * **Y-Capacitors (Line-to-Ground):** These handle common-mode noise. They must have very low leakage current to ensure safety when a user touches the device chassis. * **Common Mode Chokes:** Inductors with ferrite cores that block high-frequency noise while allowing the 50/60Hz power to pass through. * **Bleeder Resistor:** A high-value resistor that drains the stored charge in the capacitors when the device is unplugged, preventing electric shock from the plug pins. --- ### 4. Technical Features * **EMI/RFI Shielding:** The metal housing acts as a Faraday cage, preventing high-frequency noise from radiating out of the power supply or entering from the grid. * **Z-Type Configuration:** Often indicates a specific mounting style (e.g., screw-mount or snap-in) with vertical or horizontal terminals. * **Medical vs. Standard Grade:** The "UL" certification ensures it meets strict safety standards for fire and shock resistance. --- ### 5. Application Circuit Diagram In a standard system, the wiring follows this logic: ```mermaid graph LR A[AC Wall Outlet] --> B[M2XF2-Z1V2-R/UL] subgraph Module_Internal B --> C[EMI Filter] C --> D[Transient Protection] end D --> E[Internal Power Supply / SMPS] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum leakage current for this specific UL-rated filter?
    • ⤷ How does a dual-stage filter differ from a single-stage filter in this model?
    • ⤷ What are the mechanical mounting dimensions for the M2XF2-Z1V2-R?