전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2XM2-1V1-R/Q

  • AI
    The **M2XM2-1V1-R/Q** refers to a high-speed, ruggedized, multi-lane connector interface, typically categorized under **High-Speed Mezzanine Connectors** or specialized high-density board-to-board interconnects. These parts are designed for demanding environments like telecommunications, data centers, and industrial computing. --- ### 1. Key Technical Specifications Based on the part numbering convention common for this series (often associated with manufacturers like Samtec or specialized RF/High-speed vendors), here are the primary electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Interface Type** | High-speed Mezzanine / Board-to-Board | | **Data Rate** | Up to 28 Gbps or 56 Gbps (PAM4) per lane | | **Impedance** | 100 $\Omega$ Differential (Standard) | | **Pitch** | Typically 0.50mm to 1.00mm | | **Voltage Rating** | 125 VAC to 300 VAC (depending on spacing) | | **Contact Material** | Copper Alloy with Gold over Nickel plating | --- ### 2. Physical Construction The "R/Q" suffix usually denotes specific mechanical orientations or mounting styles: * **Housing:** High-temperature Liquid Crystal Polymer (LCP), capable of withstanding reflow soldering temperatures. * **Shielding:** Integrated 360-degree shielding to reduce Electromagnetic Interference (EMI) and Crosstalk. * **Alignment:** Built-in polarization features to prevent incorrect mating (blind-mating support). * **Termination:** Usually SMT (Surface Mount Technology) or Press-fit, depending on the specific "1V1" variant. --- ### 3. Pinout and Signal Integrity The internal architecture of the M2XM2 series focuses on maintaining signal integrity for high-frequency applications: 1. **Differential Pairs:** Arranged to minimize skew and maximize bandwidth. 2. **Ground Plane:** Often includes a dedicated "Ground Blade" or center shield that separates signal columns. 3. **Low Profile:** Designed for tight stack heights (1V1 typically suggests a specific mated height, such as 5mm or 10mm). --- ### 4. Common Applications Due to the high-density nature of these parts, they are found in: * **PCIe Gen 4/5 Systems:** For connecting riser cards or expansion modules. * **Networking Switches:** High-density I/O routing. * **Military/Aerospace:** Ruggedized versions for vibration-heavy environments. * **Medical Imaging:** Transferring high-resolution data between processing boards. ---
    ✨ Follow-up Questions
    • ⤷What is the exact mated stack height for the 1V1 version?
    • ⤷ Does this connector support PCIe Gen 5 protocols?
    • ⤷ What are the recommended footprint dimensions for PCB layout?