전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2XR2-5V1-R/N

  • AI
    The **M2XR2-5V1-R/N** belongs to a specialized category of signal conditioning and isolation modules, typically manufactured by companies like **M-System (MG CO., LTD.)**. These devices are used in industrial automation to interface between field sensors and control systems (PLC/DCS). --- ### 1. Component Overview The M2XR2 series is a **Plug-in Redundant Signal Conditioner**. Its primary function is to take one analog input and provide two independent, isolated outputs. This ensures that if one receiving device fails or is disconnected, the other remains functional. ### 2. Technical Specifications Based on the part number nomenclature, here are the technical breakdowns: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Type** | M2XR2 | Redundant Signal Conditioner (2-way output) | | **Input Type** | Configurable | Typically DC voltage or current (mA) | | **Power Input** | 5V | Indicates the logic or supply voltage requirement | | **Output 1** | 1 - 5V DC | Standard industrial voltage signal | | **Output 2** | 1 - 5V DC | Redundant/Independent second signal | | **Isolation** | 3-Way or 4-Way | Input to output 1 to output 2 to power | | **Mounting** | Plug-in | Base socket mounted for easy maintenance | --- ### 3. Key Electronic Characteristics * **Signal Isolation:** Protects sensitive PLC/DCS inputs from high-voltage transients or ground loops occurring at the field sensor level. * **Dual Output (Redundancy):** The "R2" designation signifies that the input signal is split into two identical outputs. This allows for: 1. Simultaneous monitoring by two different systems. 2. Local display + Remote control signal. * **Response Time:** Usually characterized by a fast response (milliseconds) to ensure real-time process tracking. * **Zero/Span Adjustment:** Front-facing potentiometers allow for fine-tuning the calibration of the 1-5V signals. ### 4. Typical Connection Diagram (General) ```text [ FIELD SENSOR ] ------> [ INPUT (+) (-) ] | | [ M2XR2 MODULE ] | +--> [ OUTPUT 1 (1-5V) ] --> [ PLC ] +--> [ OUTPUT 2 (1-5V) ] --> [ CHART RECORDER ] ``` --- ### 5. Application Areas * **Power Plants:** Distributing a single temperature sensor signal to both a safety shutdown system and a logging system. * **Chemical Processing:** Preventing ground loop interference between multiple instruments connected to the same sensor. * **Retrofitting:** Converting older 4-20mA signals into 1-5V signals for specific controller requirements.
    ✨ Follow-up Questions
    • ⤷What is the difference between the -R and -N suffixes for this specific model?
    • ⤷ Does this module require a specific mounting base or socket?
    • ⤷ Can the input be changed from DC voltage to a Thermocouple signal?