전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2XU-00-R

  • AI
    The **M2XU-00-R** is a specific model within the **M2 Series** of plug-in signal conditioners manufactured by **M-System**. This particular unit is a **Potentiometer Transmitter**, designed to sense the position of a potentiometer (variable resistor) and convert it into a standard analog signal. ### 1. Model Breakdown The nomenclature of the device reveals its specific electronic configuration: | Code | Meaning | Description | | :--- | :--- | :--- | | **M2** | Series Name | Mini-M Series Signal Conditioners | | **XU** | Function | Potentiometer Transmitter | | **0** | Input | Total resistance 100 $\Omega$ to 10 k$\Omega$ | | **0** | Output | Selectable/Standard (typically 4–20mA or 1–5V DC) | | **R** | Power Input | 24V DC | --- ### 2. Key Electronic Components & Features #### Input Circuitry (Potentiometer Interface) * **Constant Voltage Excitation:** The device applies a stable, low voltage across the external potentiometer to measure the wiper position. * **Burnout Protection:** It includes circuitry to detect if the potentiometer wire is broken. In a "burnout" scenario, the output will typically go to an upscale (max) or downscale (min) limit to alert the control system. #### Signal Conditioning & Isolation * **Three-Way Isolation:** This is a critical electronic feature. The **Input**, **Output**, and **Power** circuits are electrically isolated from one another (usually up to 2000V AC). This prevents ground loops and protects sensitive PLC/DCS equipment from field surges. * **Zero & Span Adjustment:** Located on the front panel, these potentiometers allow for fine-tuning the electronic calibration to match the physical range of the mechanical equipment. #### Output Driver * **Linear Conversion:** The internal electronics ensure that the change in resistance is converted linearly into a DC current or voltage. * **High Load Resistance:** The output driver is designed to push a 4–20mA signal through loops with up to 550 $\Omega$ of resistance. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Power Consumption** | Approx. 2W | | **Input Resistance** | 100 $\Omega$ to 10 k$\Omega$ | | **Isolation Resistance** | $\geq$ 100 M$\Omega$ at 500V DC | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Accuracy** | $\pm$0.1% of span | | **Mounting** | DIN Rail (Plug-in base) | --- ### 4. Wiring Overview The M2XU uses a base socket for wiring. The typical pin configuration includes: 1. **Terminals 1, 2, 3:** Potentiometer Input (High, Wiper, Low). 2. **Terminals 4, 5:** Analog Output (+ / -). 3. **Terminals 6, 7:** Power Supply (24V DC).
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span settings on the M2XU-00-R?
    • ⤷ What are the specific burnout options available for this transmitter?
    • ⤷ Can this unit be powered by 110V AC instead of 24V DC?