전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2XU-R10-M2

  • AI
    The **M2XU-R10-M2** is a specific model of an **Ultra-Slim Signal Conditioner** (Transmitter) manufactured by **M-System**. It is primarily used in industrial automation to convert one type of electrical signal into another while providing galvanic isolation. --- ### 1. Key Technical Specifications The model code **M2XU-R10-M2** breaks down into the following electronic characteristics: | Feature | Specification | Description | |:---|:---|:---| | **Base Model** | M2XU | Ultra-slim (5.9 mm) signal conditioner. | | **Input (R)** | RTD Input | Designed for Resistance Temperature Detectors (e.g., Pt100). | | **Output (1)** | 4 – 20 mA DC | Standard industrial current loop output. | | **Power Input (M2)** | 100 – 240 V AC | Wide-range alternating current power supply. | | **Accuracy** | ±0.1% | High precision for industrial measurement. | | **Response Time** | ≤ 0.5 sec | Time taken to reach 90% of the output value. | --- ### 2. Electronic Components & Functionality The internal electronics of the M2XU-R10-M2 are designed to perform four critical functions: #### A. Input Circuit (RTD Interface) The device uses a constant current source to excite the RTD sensor. It typically supports a **3-wire connection** to compensate for lead-wire resistance, ensuring that the distance between the sensor and the module doesn't affect temperature accuracy. #### B. Isolation Barrier One of the most important electronic features is **3-way isolation** (Input to Output to Power). * **Purpose:** Prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. * **Rating:** Typically 2000V AC for 1 minute. #### C. Signal Conversion (Microprocessor Based) Modern M2XU units use a digital architecture: 1. **A/D Converter:** Converts the analog resistance from the RTD into a digital value. 2. **Linearization:** The internal CPU applies a curve to the data to ensure the output is perfectly linear relative to the temperature. 3. **D/A Converter:** Converts the processed data back into a precise 4-20mA analog current. #### D. Power Management The "M2" designation indicates an internal switching power supply capable of handling universal AC voltages. This circuit includes filtering to reduce electromagnetic interference (EMI). --- ### 3. Physical & Wiring Layout The unit is designed for high-density mounting on a DIN rail. ```text Terminal Assignments (Typical): [1] Output (+) [5] Input (A) [2] Output (-) [6] Input (B) [3] Power (L) [7] Input (B) [4] Power (N) [8] Not Used ``` --- ### 4. Summary of Benefits * **Space Saving:** At only 5.9 mm wide, you can fit many units in a small control panel. * **Universal Power:** Can be used in global markets without needing different power transformers. * **Reliability:** High MTBF (Mean Time Between Failures) due to low-power consumption design.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the M2XU-R10-M2 for a specific temperature range?
    • ⤷ What are the specific RTD types supported by this model?
    • ⤷ What is the maximum load resistance allowed on the 4-20mA output?