전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M34C02-RMB1P

  • AI
    ## Overview of the M34C02-RMB1P The **M34C02-RMB1P** is a specific type of EEPROM (Electrically Erasable Programmable Read-Only Memory) designed by STMicroelectronics. It is primarily used for **Serial Presence Detect (SPD)** in DRAM modules (like DDR2 or DDR3 SDRAM). --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 2 Kbits (256 x 8 bits) | | **Interface** | I²C Serial Interface (400 kHz) | | **Operating Voltage** | 1.7V to 5.5V | | **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Dual Flat No-lead | | **Write Protection** | Software-selectable Write Protection | | **Endurance** | 1 Million Write Cycles | | **Data Retention** | 40 Years | --- ### Internal Architecture and Electronic Functions The device is organized as a single block of memory. Its electronic behavior is defined by several key internal systems: 1. **I²C Serial Interface**: * It operates as a slave device on the I²C bus. * It uses a two-wire protocol consisting of a Serial Clock (SCL) and Serial Data (SDA). 2. **Write Protection Logic**: * The "34" series is unique because it includes **Software Write Protection**. * The first 128 bytes can be permanently or semi-permanently locked to prevent overwriting critical SPD data (like RAM timings and manufacturer info). 3. **Address Inputs**: * It features three chip-enable pins ($E_0, E_1, E_2$), allowing up to eight M34C02 devices to be connected to the same I²C bus. 4. **Low Power Consumption**: * It is optimized for mobile and battery-powered applications, with a very low standby current. --- ### Pin Configuration (UFDFPN8) | Pin Name | Function | Description | | :--- | :--- | :--- | | **E0, E1, E2** | Chip Enable | Sets the hardware address for the device. | | **SDA** | Serial Data | Bidirectional pin used to transfer data in/out. | | **SCL** | Serial Clock | Provides the clock signal for data synchronization. | | **WC** | Write Control | Hardware pin to enable/disable write operations. | | **VCC** | Power Supply | 1.7V to 5.5V input. | | **VSS** | Ground | Reference ground. | --- ### Typical Application Circuit ```mermaid graph LR MCU[Microcontroller/RAM Controller] -- SCL Line --- EEPROM[M34C02] MCU -- SDA Line --- EEPROM VCC --- EEPROM GND --- EEPROM WC --- GND[Write Enabled] ``` ### Ordering Information Detail: "RMB1P" * **R**: Operating Voltage (1.7V to 5.5V). * **MB**: Package code for UFDFPN8 (2x3mm). * **1**: Temperature range (0°C to 70°C). * **P**: Lead-free and RoHs compliant (Green).
    ✨ Follow-up Questions
    • ⤷ What is the difference between M24C02 and M34C02?
    • ⤷ How does the Software Write Protection work in this chip?
    • ⤷ Can this chip be used in DDR4 or DDR5 applications?