전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M34C02-RMB1TG

  • AI
    ## Overview of the M34C02-RMB1TG The **M34C02-RMB1TG** is a specialized Serial Presence Detect (SPD) EEPROM manufactured by STMicroelectronics. It is primarily designed for use in memory modules (DRAM) to store configuration data that the BIOS/UEFI reads during the boot process. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 x 8 bits) | | **Interface** | I²C Serial Interface (400 kHz) | | **Operating Voltage** | 1.7V to 3.6V (Low Voltage) | | **Package Type** | UFDFPN8 (MLP) - Ultra-thin Dual Flat No-lead | | **Write Protection** | Software Write Protection for the lower 128 bytes | | **Endurance** | 1 Million Write Cycles | | **Data Retention** | 40 Years | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Parts The internal architecture of the M34C02-RMB1TG consists of several critical electronic blocks: #### A. The EEPROM Cell Array This is the non-volatile storage area. It is organized as 256 bytes. The first 128 bytes are typically used for SPD data (timing, density, manufacturer info), while the remaining 128 bytes are available for general purpose use. #### B. Control Logic & I²C Interface * **SCL (Serial Clock):** Used to synchronize the data transfer. * **SDA (Serial Data):** A bidirectional pin used to transfer addresses and data into and out of the device. * **Device Addressing:** The chip responds to a specific 7-bit device address. It includes three chip-enable inputs (E0, E1, E2) allowing up to eight devices to be connected to the same I²C bus. #### C. Write Protection Mechanism This is a defining feature of the "M34" series. It includes: 1. **Permanent Write Protection (PWP):** Once set, the first 128 bytes cannot be overwritten. 2. **Reversible Write Protection (RWP):** Allows the first 128 bytes to be locked and unlocked via specific software commands. --- ### 3. Pin Configuration (UFDFPN8) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1-3 | E0, E1, E2 | Chip Enable (Address inputs) | | 4 | VSS | Ground | | 5 | SDA | Serial Data | | 6 | SCL | Serial Clock | | 7 | WC | Write Control (Hardware protection pin) | | 8 | VCC | Supply Voltage | --- ### 4. Typical Application Circuit In a standard DDR2 or DDR3 memory module application, the SDA and SCL lines require **pull-up resistors** (typically 4.7kΩ to 10kΩ) because the outputs are open-drain. ```c // Pseudo-code example for reading a byte from the M34C02 I2C_Start(); I2C_Send_Byte(0xA0); // Device Address + Write bit I2C_Send_Byte(0x00); // Memory Address to read (e.g., Byte 0) I2C_Start(); // Repeated Start I2C_Send_Byte(0xA1); // Device Address + Read bit data = I2C_Read_Byte(); // Receive data from EEPROM I2C_Stop(); ```
    ✨ Follow-up Questions
    • ⤷ How does the software write protection differ from the hardware WC pin in this model?
    • ⤷ What are the specific advantages of using the UFDFPN8 package for this chip?
    • ⤷ Can this EEPROM be used in non-RAM applications
    • ⤷ such as consumer electronics?