전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M34C02-W-RMB1TG

  • AI
    ## M34C02-W-RMB1TG: Technical Overview The **M34C02-W-RMB1TG** is a specialized Serial Presence Detect (SPD) EEPROM manufactured by STMicroelectronics. It is primarily designed for use in DRAM memory modules (DDR1, DDR2, DDR3) to store configuration data that the BIOS reads during system boot. --- ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 bytes) | | **Organization** | 256 words × 8 bits | | **Interface** | I²C (2-Wire Serial) | | **Operating Voltage (Vcc)** | 2.5V to 5.5V | | **Clock Frequency** | 400 kHz | | **Package Type** | UFDFPN8 (MLP) - Ultra-thin Dual Flat No-lead | | **Temperature Range** | -40°C to +85°C (Industrial) | | **Write Protection** | Software-selectable (Permanent or Reversible) | --- ### 2. Core Functional Blocks The electronic architecture of this chip consists of the following internal components: * **EEPROM Array:** The non-volatile memory matrix where data is stored. * **I²C Control Logic:** Handles the communication protocol, including Start/Stop bits, Device ID recognition, and Acknowledge (ACK) signals. * **Address Register:** Tracks the 8-bit memory address being accessed. * **Write Protection Logic:** A critical feature for SPD applications. It allows the lower 128 bytes to be permanently or temporarily locked to prevent accidental corruption of the memory module's timing data. * **Voltage Sensors:** Internal circuits that ensure the chip does not perform write operations during unstable power conditions (Low Voltage Detection). --- ### 3. Pin Configuration (UFDFPN8) | Pin | Symbol | Function | | :--- | :--- | :--- | | 1-3 | E0, E1, E2 | Chip Enable inputs (used to set the I²C device address). | | 4 | Vss | Ground. | | 5 | SDA | Serial Data (bidirectional). | | 6 | SCL | Serial Clock input. | | 7 | WC | Write Control (Hardware write protection). | | 8 | Vcc | Supply Voltage. | --- ### 4. Distinctive Features * **SPD Compatibility:** Specifically designed to meet JEDEC standards for memory module identification. * **High Endurance:** Supports up to 1 million write cycles. * **Data Retention:** Guaranteed for more than 40 years. * **Byte and Page Write:** Allows writing a single byte or a page of up to 16 bytes at once, increasing efficiency. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between permanent and reversible write protection in this chip?
    • ⤷ How is the I2C address determined using the E0
    • ⤷ E1
    • ⤷ and E2 pins?
    • ⤷ Can this EEPROM be used in applications other than RAM modules?