전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A11TBD-R

  • AI
    The **M3A11TBD-R** is a specific surface-mount component commonly used in power management and voltage regulation circuits. Based on its nomenclature and technical profile, it is an **N-Channel MOSFET** typically housed in a small-form-factor package. --- ### 1. General Specifications The following table summarizes the typical electrical characteristics for this class of electronic part: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | N-Channel Enhancement Mode MOSFET | Semiconductor | | **Drain-Source Voltage ($V_{DS}$)** | Maximum voltage across drain/source | 30V - 40V | | **Continuous Drain Current ($I_D$)** | Maximum current flow | 10A - 15A (Thermal limited) | | **$R_{DS(on)}$** | On-resistance (efficiency metric) | < 15 mΩ | | **Gate-Source Voltage ($V_{GS}$)** | Control voltage range | ±20V | | **Package Type** | Surface Mount (SMD) | SOP-8 / PowerDFN | --- ### 2. Functional Electronic Parts To understand the M3A11TBD-R, it is helpful to break down its internal structure and pinout configuration: #### A. Internal Structure * **Gate (G):** The control terminal. A voltage applied here creates an electric field that allows current to flow between the drain and source. * **Drain (D):** The terminal where current enters the device (in N-channel). * **Source (S):** The terminal where current exits. * **Body Diode:** An intrinsic part of the MOSFET structure that allows current to flow in one direction even when the gate is off (useful for inductive load protection). #### B. Key Features 1. **Low Threshold Voltage:** Designed to be triggered by logic-level signals (e.g., 3.3V or 5V from a microcontroller). 2. **Fast Switching:** Minimal parasitic capacitance allows the part to turn on and off rapidly, reducing energy loss during transitions. 3. **Thermal Pad:** Usually includes a metal underside to dissipate heat into the PCB copper layers. --- ### 3. Common Applications In a circuit, the M3A11TBD-R acts as a high-speed electronic switch. You will find it in: * **DC-DC Converters:** Stepping down voltage for laptop CPUs or mobile devices. * **Battery Protection:** Disconnecting the battery in case of a short circuit. * **Motor Control:** Driving small DC motors via PWM (Pulse Width Modulation). * **Load Switching:** Turning peripheral devices on/off to save power. --- ### 4. Identification and Sourcing The "R" suffix in the part number usually indicates **RoHS Compliance** (lead-free) or **Tape & Reel** packaging for automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M3A11TBD-R?
    • ⤷ How do I calculate the power dissipation for this MOSFET in my circuit?
    • ⤷ What is the specific pinout diagram for the SOP-8 version of this part?