전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A12FAA-R

  • AI
    The **M3A12FAA-R** is a specific model of an **AC Solenoid Valve Coil**, typically manufactured by companies like **SMC** or similar industrial pneumatic/hydraulic component providers. It is designed to actuate a valve plunger using electromagnetic force. --- ### 1. Technical Specifications The part number breakdown usually refers to the electrical characteristics and the physical interface of the coil. | Parameter | Specification (Typical) | | :--- | :--- | | **Voltage** | 110V - 120V AC (50/60Hz) | | **Power Consumption** | ~5.0 VA (Starting) / 3.5 VA (Holding) | | **Connection Type** | DIN Terminal (Plug-in) or Grommet | | **Insulation Class** | Class B (or equivalent) | | **Duty Cycle** | 100% Continuous Duty | | **Operating Temp** | -10°C to 50°C | --- ### 2. Core Electronic Components Inside the M3A12FAA-R, the following electronic and magnetic principles are at play: * **Solenoid Winding:** A precision-wound copper coil. When AC current passes through, it creates a magnetic field. * **Shading Ring (Shading Coil):** Essential for AC coils. This is a small copper ring embedded in the core. It delays the change in magnetic flux to prevent "chattering" or humming at the 50/60Hz frequency zero-crossing points. * **Encapsulation:** The coil is molded in a thermoset or thermoplastic resin (usually epoxy) to protect the thin copper wires from moisture, vibration, and chemical exposure. * **Varistor/Suppressor (Model Dependent):** Some versions include a built-in surge suppressor to protect the driving PLC (Programmable Logic Controller) from back-EMF spikes when the coil is de-energized. --- ### 3. Connection and Pinout The "R" suffix often denotes a specific lead wire length or a specific connector orientation. 1. **Pin 1:** Line (Hot) 2. **Pin 2:** Neutral 3. **Earth/Ground:** Usually the center or offset pin on the DIN connector to ensure safety against insulation failure. --- ### 4. Common Applications * **Pneumatic Control:** Used on 3-port or 5-port directional control valves. * **Automation Lines:** Controlling the extension/retraction of air cylinders. * **Pilot Operation:** Actuating a small pilot valve which then moves a larger high-pressure spool. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage tolerance for the M3A12FAA-R coil?
    • ⤷ Does this model include a built-in surge suppressor?
    • ⤷ What are the compatible valve series for this specific coil?