전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A12FCA-R

  • AI
    The **M3A12FCA-R** is an automotive-grade electronic component, typically categorized as a high-performance **Microcontroller (MCU)** or a specialized **ASIC** (Application-Specific Integrated Circuit) used in vehicle control systems. This part is part of a lineage often associated with Renesas or specialized automotive semiconductor manufacturers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The device is designed for reliability in harsh environments, featuring high thermal resistance and electromagnetic compatibility (EMC). | Feature | Description | | :--- | :--- | | **Core Architecture** | RISC-based (typically 32-bit) | | **Package Type** | QFP (Quad Flat Package) or BGA (Ball Grid Array) | | **Operating Voltage** | 3.3V to 5.0V (Standard automotive rails) | | **Temperature Grade** | AEC-Q100 Grade 1 (-40°C to +125°C) | | **Communication Interface** | CAN, LIN, UART, and SPI | | **I/O Count** | High-density GPIO for sensor integration | --- ### 2. Functional Electronic Sections The internal circuitry of the M3A12FCA-R is divided into several critical blocks: #### A. Power Management Block * **Voltage Regulators:** Integrated LDOs (Low Dropout Regulators) to stabilize internal logic voltage from battery fluctuations. * **Brown-out Reset (BOR):** Triggers a system reset if the voltage drops below a functional threshold to prevent data corruption. #### B. Processing & Memory * **Flash Memory:** Non-volatile storage for the application firmware. * **SRAM:** High-speed volatile memory for real-time calculations. * **EEPROM Emulation:** Used for storing calibration data and error logs that must persist after power-off. #### C. Analog-to-Digital Conversion (ADC) * Equipped with multi-channel **10-bit or 12-bit ADCs**. * Used to read analog signals from engine sensors, temperature probes, or throttle positions. --- ### 3. Common Applications Due to its robust design, the M3A12FCA-R is primarily found in: 1. **Engine Control Units (ECU):** Managing fuel injection and ignition timing. 2. **Body Control Modules (BCM):** Controlling lighting, windows, and door locks. 3. **Transmission Control:** Synchronizing gear shifts based on torque and speed. --- ### 4. Part Number Decoder (Typical) While naming conventions vary by manufacturer, the suffix **"-R"** usually denotes: * **RoHS Compliance:** Lead-free construction. * **Tape & Reel Packaging:** Indicating the part is packaged for automated SMT (Surface Mount Technology) assembly lines.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the M3A12FCA-R and its predecessors?
    • ⤷ Which software IDE is recommended for programming this specific MCU?
    • ⤷ Can this part be used in ISO 26262 functional safety applications?