전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A12TCG-R

  • AI
    ## Analysis of the M3A12TCG-R The **M3A12TCG-R** is a specific part number typically associated with **Relay Modules** or **Electromechanical Components**, often used in automotive, industrial, or power management applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on standard industry nomenclature for this series, the part belongs to a family of high-current or signal-switching relays. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay / Module | | **Contact Form** | SPDT (1 Form C) or SPST (1 Form A) | | **Coil Voltage** | 12V DC (Standard for automotive/industrial) | | **Switching Current** | Up to 20A - 30A (depending on load type) | | **Mounting Type** | Through-hole (PCB) or Plug-in | | **Termination** | Solder terminals or Quick-connect | --- ### 2. Electronic Sub-Components Inside the M3A12TCG-R, several internal parts work together to facilitate electronic switching: * **Electromagnetic Coil:** A copper wire winding that generates a magnetic field when 12V DC is applied. * **Armature:** A moving lever that responds to the magnetic field to open or close the circuit. * **Contacts:** Usually made of **Silver Tin Oxide (AgSnO2)** or **Silver Nickel (AgNi)** to resist arcing and welding under high loads. * **Return Spring:** Ensures the contacts return to their default state once power is removed from the coil. * **Casing:** A high-temperature plastic (often PBT) designed to withstand automotive engine bay temperatures or industrial environments. --- ### 3. Key Electronic Parameters When integrating this part into a circuit, the following electronic values are critical: #### Coil Side * **Nominal Voltage:** 12V DC. * **Must Operate Voltage:** Typically $\le$ 70-80% of nominal voltage. * **Must Release Voltage:** Typically $\ge$ 5-10% of nominal voltage. * **Coil Resistance:** Usually ranges between $90\Omega$ to $160\Omega$ depending on the specific sensitivity. #### Contact Side * **Contact Resistance:** $\le 100m\Omega$ (initial). * **Operate Time:** $\le 10ms$. * **Release Time:** $\le 5ms$. * **Dielectric Strength:** Usually 500V - 1000V AC between open contacts. --- ### 4. Circuit Implementation Example When using this relay in an electronic circuit, it is standard practice to include a **flyback diode** to protect the driving transistor from voltage spikes. ```cpp // Example: Driving the Relay via a Microcontroller void setup() { pinMode(relayPin, OUTPUT); } void loop() { digitalWrite(relayPin, HIGH); // Activates coil, closes contact delay(1000); digitalWrite(relayPin, LOW); // Deactivates coil, opens contact delay(1000); } ``` --- ### 5. Common Applications * **Automotive:** Power windows, central locking, fuel pump control. * **Industrial:** PLC output modules, motor starters. * **Consumer:** HVAC control boards and UPS systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the M3A12TCG-R?
    • ⤷ Does this relay require a specific heat sink for high-current applications?
    • ⤷ Are there equivalent drop-in replacements from other manufacturers like Omron or Panasonic?