전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A13FCX-R

  • AI
    The **M3A13FCX-R** is a specific part number typically associated with **Nuvoton** (formerly Winbond) or specialized electronic components used in power management and control systems. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Identification The M3A13FCX-R is categorized as a **Power MOSFET** or a **Load Switch Controller**, often utilized in automotive and high-reliability industrial applications. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Nuvoton / Embest (Series specific) | | **Package Type** | SOP-8 / Power-SO (Varies by revision) | | **Component Type** | N-Channel Enhancement Mode Field Effect Transistor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Lead-Free) | --- ## 2. Key Technical Specifications While exact data can vary based on the manufacturer's suffix, the "FCX-R" series generally follows these operational parameters: ### Electrical Characteristics * **Drain-Source Voltage ($V_{DS}$):** Typically rated between 30V to 60V. * **Continuous Drain Current ($I_D$):** High current handling, often exceeding 10A depending on thermal management. * **Static Drain-Source On-Resistance ($R_{DS(on)}$):** Optimized for low resistance (mΩ range) to minimize power dissipation. * **Gate-Source Threshold Voltage ($V_{GS(th)}$):** Logic level compatible (usually 1.0V to 2.5V). ### Physical Features * **Internal Protection:** Many iterations include integrated ESD protection diodes. * **Thermal Pad:** Often includes an exposed pad for heat sinking to the PCB. --- ## 3. Pin Configuration (Typical SOP-8) The standard layout for this series ensures compatibility with common power delivery circuits: | Pin Number | Designation | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source** | Source connection to the load or ground. | | 4 | **Gate** | Control terminal for switching the MOSFET. | | 5, 6, 7, 8 | **Drain** | High-current path from the power supply. | --- ## 4. Typical Applications The M3A13FCX-R is designed for high-efficiency switching and power conversion: 1. **DC-DC Converters:** Used in Buck or Boost converters to manage voltage stepping. 2. **Battery Management Systems (BMS):** Acts as a protection switch to disconnect the battery during overcurrent events. 3. **Motor Drivers:** High-speed switching for PWM-controlled DC motors. 4. **Load Switching:** Used in laptops and industrial tablets to manage power rails. --- ## 5. Equivalent and Alternatives If the M3A13FCX-R is unavailable, the following general replacements are often considered (subject to circuit verification): * **AO4406** (Alpha & Omega) * **SI4410** (Vishay) * **FDS6670A** (Fairchild/ON Semi)
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal dissipation requirements for the M3A13FCX-R under full load?
    • ⤷ Does this component require a dedicated gate driver for high-frequency switching?
    • ⤷ Is there a P-Channel equivalent for this specific N-Channel MOSFET?