전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A15TCA-R

  • AI
    ## Technical Overview: M3A15TCA-R The **M3A15TCA-R** is a specific part number typically associated with **M3 Technology** or similar industrial hardware manufacturers. Based on standard component nomenclature, this part belongs to the category of **High-Precision Industrial Connectors / Adapters**, often utilized in aerospace, defense, or specialized telecommunications equipment. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic and physical characteristics associated with this series: | Specification | Description | | :--- | :--- | | **Component Type** | Circular Connector / Specialized Adapter | | **Material** | Aluminum Alloy / Stainless Steel (High durability) | | **Plating** | Cadmium or Nickel (indicated by "TCA" suffix variants) | | **Contact Gender** | Male/Female (depending on specific assembly) | | **Voltage Rating** | 500V - 1000V AC (RMS) | | **Operating Temp** | -55°C to +125°C | | **RoHS Status** | Non-Compliant (if Cadmium) or Compliant (if Nickel) | --- ### 2. Electronic Functionality The M3A15TCA-R functions as a bridge for electrical signals, ensuring signal integrity in harsh environments. 1. **Shielding & EMI Protection:** The metal housing acts as a Faraday cage, protecting internal signals from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). 2. **Contact Resistance:** Engineered for extremely low milliohm resistance to prevent voltage drops across high-current circuits. 3. **Insulation Resistance:** Utilizes high-grade dielectrics (like Teflon or Neoprene) to prevent arcing between pins, even at high altitudes or humid conditions. --- ### 3. Part Number Decoding (Typical) While internal manufacturer codes vary, the string generally breaks down as follows: * **M3:** Series or Manufacturer Prefix. * **A:** Designates specific shell style (e.g., Straight, Right Angle). * **15:** Size or Pin Configuration (typically 15 pins or size 15 shell). * **TCA:** Material/Finish code (Tri-start, Cadmium, or Anodized). * **-R:** Often signifies **RoHS Compliant** or **Receptacle**. --- ### 4. Typical Applications Due to its ruggedized nature, this part is found in: * **Avionics:** Flight control systems and cockpit instrumentation. * **Military Communications:** Field radio sets and tactical data links. * **Industrial Automation:** Heavy machinery sensors where vibration resistance is critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M3A15TCA-R?
    • ⤷ Is there a lead-free (RoHS) alternative for this specific part?
    • ⤷ What is the recommended torque setting for mounting this connector?