전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A16TCA-R

  • AI
    The **M3A16TCA-R** is a specific part number typically associated with **M.2 Solid State Drive (SSD)** modules, specifically those manufactured by companies like **Innodisk**. These modules are designed for industrial, embedded, and enterprise applications where reliability and physical space are critical factors. Below is a breakdown of the electronic components and technical specifications of this part. --- ### 1. Technical Specifications This device is an industrial-grade flash storage module. Its internal architecture consists of three primary electronic layers: the Controller, the Flash Memory (NAND), and the DRAM Buffer. | Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) or 2280 | | **Interface** | SATA III 6.0 Gb/s (Backward compatible) | | **Capacity** | 16GB (as indicated by the "16" in the part number) | | **Flash Type** | MLC (Multi-Level Cell) or iSLC | | **Input Voltage** | 3.3V ± 5% | | **Operating Temp** | 0°C to +70°C (Standard) / -40°C to +85°C (Industrial) | --- ### 2. Key Electronic Components #### A. The Flash Controller The "brain" of the module. It manages the data flow between the SATA interface and the NAND flash. It handles: * **Wear Leveling:** Ensuring data is written evenly across memory cells to prevent premature failure. * **ECC (Error Correction Code):** Detecting and fixing bit errors that occur during data transmission or storage. * **Bad Block Management:** Mapping out physical areas of the flash that are no longer reliable. #### B. NAND Flash Chips The non-volatile storage area where data is physically kept. In the "TCA" series, these are typically high-end chips designed for high endurance. * **Reliability:** These chips are rated for a specific number of P/E (Program/Erase) cycles. * **Data Retention:** Designed to hold data for extended periods even without power. #### C. Power Management Integrated Circuit (PMIC) This sub-system regulates the 3.3V input from the host device into the various lower voltages required by the controller and the flash chips. It often includes: * **Over-current protection.** * **Power-on reset circuits.** --- ### 3. Special Features (Industrial Grade) Unlike consumer SSDs, the "R" suffix and "M3A" series often imply specific industrial protections: 1. **Thermal Sensor:** Monitors the temperature of the electronic components to prevent overheating. 2. **iData Guard:** A proprietary power-fail management system that ensures data is not corrupted if power is suddenly lost during a write operation. 3. **Conformal Coating (Optional):** A chemical layer applied to the PCB to protect the electronic circuits from moisture, dust, and chemicals. --- ### 4. Pin Configuration (M.2 B+M Key) The physical connector (the "gold fingers") uses a standard M.2 pinout: ```markdown Pin 1-75: Includes 3.3V Power, GND, SATA TX/RX Differential Pairs, and DAS/DSS (Device Activity Signal). ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the endurance rating (TBW) for this 16GB module?
    • ⤷ Does this model support AES-256 hardware encryption?
    • ⤷ What is the difference between the 'TCA' and 'TCB' series in this product line?