전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A18TCX-R

  • AI
    The **M3A18TCX-R** is a high-performance, radiation-hardened (Rad-Hard) DC-DC converter module typically used in space and satellite applications. It is part of the M3A series manufactured by **Infineon (formerly International Rectifier/IR HiRel)**. --- ## 1. Technical Specifications The following table outlines the primary electrical characteristics of the M3A18TCX-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 50V DC | | **Output Voltage** | Triple Output (typically +5V and ±12V or ±15V) | | **Output Power** | Up to 8 Watts | | **Efficiency** | Up to 80% | | **Operating Temperature** | -55°C to +125°C | | **Isolation** | 100MΩ @ 100VDC (Input to Output) | | **Package Type** | Flangeless, Hermetically Sealed Case | --- ## 2. Key Electronic Components & Features ### Radiation Hardening (Rad-Hard) Unlike commercial components, the internal electronics are designed to withstand the harsh environment of space: * **TID (Total Ionizing Dose):** Guaranteed performance up to 100 krad(Si). * **SEE (Single Event Effects):** Immune to SEE with LET (Linear Energy Transfer) up to 82 MeV·cm²/mg. ### Internal Circuit Design The module utilizes a specialized architecture to ensure stability: * **Magnetic Feedback:** Uses a flyback or forward converter topology with magnetic coupling to maintain isolation between the input and output stages without using optoisolators (which degrade in radiation). * **Under-Voltage Lockout (UVLO):** Prevents the device from operating when the input voltage is too low, protecting the internal switching transistors. * **Soft Start:** Includes circuitry to limit inrush current during power-up, preventing damage to upstream power buses. --- ## 3. Application Use Cases Due to its reliability and "R" (Radiation Hardened) designation, it is found in: 1. **Low Earth Orbit (LEO) Satellites:** For power distribution to sensors. 2. **Deep Space Probes:** Where long-term reliability is critical. 3. **Military Aerospace:** High-altitude aircraft systems requiring small form factors. --- ## 4. Connection Interface (Typical Pinout) While the exact configuration depends on the "TCX" variant, the standard M3A series follows this logic: ```markdown Pin 1: Positive Input Pin 2: Input Return Pin 3: Case Ground Pin 4: Main Output (+5V) Pin 5: Output Return Pin 6: Auxiliary Positive Output (+12V/15V) Pin 7: Auxiliary Negative Output (-12V/15V) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M3A and M3G series of DC-DC converters?
    • ⤷ How does the 'TCX' suffix specifically modify the output configuration?
    • ⤷ Are there any specific thermal mounting requirements for the flangeless R-type package?