전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A25TAG-R

  • AI
    The **M3A25TAG-R** is a specific technical component typically associated with high-precision motion control systems or specialized electronic sensors. Based on standard industry nomenclature, it is frequently identified as a **linear scale or encoder** manufactured by companies like **Magnescale** (formerly Sony Precision Technology). --- ### 1. Component Overview The M3A25TAG-R is part of an electromagnetic induction-based measurement system. It is designed to provide highly accurate position feedback for industrial machinery. | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Magnetic Linear Encoder / Scale | | **Technology** | Magnetic Induction / Magnetostrictive | | **Signal Type** | TTL / RS-422 (Differential Line Driver) | | **Typical Use** | CNC Machining, Precision Metrology, Automation | --- ### 2. Key Electronic Features #### A. Signal Output (RS-422) The unit typically outputs **A/B quadrature phases**. Because it uses RS-422 differential signaling, it is highly resistant to electromagnetic interference (EMI), which is crucial in factory environments where large motors create electrical noise. #### B. Resolution and Accuracy * **Resolution:** Often ranges from 0.1μm to 1μm depending on the interface electronics. * **Response Speed:** High-speed tracking capability (up to several meters per second) without losing pulse counts. #### C. Power Requirements * **Voltage:** Usually operates on a standard **DC 5V** supply. * **Current Consumption:** Low power draw, typically under 150mA, making it easy to integrate into standard PLC or CNC controller architectures. --- ### 3. Physical & Environmental Construction The "R" suffix often denotes specific cable lengths or connector orientations. * **Durability:** Designed with an IP64 or higher rating, making it resistant to oil, coolant, and dust. * **Material:** The scale usually consists of a specialized magnetic material bonded to a rigid substrate (aluminum or steel) to ensure thermal stability. --- ### 4. Wiring Pinout (Typical) *Note: Always verify with the specific manual as pinouts can vary by revision.* | Wire Color | Signal Name | Description | | :--- | :--- | :--- | | Red | Vcc | +5V Power Supply | | Black | 0V | Ground | | White | PCA (+) | Phase A Signal | | Blue | PCA (-) | Phase A Inverted | | Yellow | PCB (+) | Phase B Signal | | Orange | PCB (-) | Phase B Inverted | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M3A and the SJ series in Magnescale products?
    • ⤷ How do I troubleshoot a 'Signal Error' on an RS-422 linear encoder?
    • ⤷ Can the M3A25TAG-R be used with a standard Arduino or Raspberry Pi?