전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A61FAA-R

  • AI
    The **M3A61FAA-R** is a specific part number typically associated with **AC Fan Motors** or **Blower Motors**, most commonly used in industrial cooling, HVAC systems, or server rack cooling assemblies. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. General Specifications The "M3A" series often refers to high-performance axial or centrifugal fans designed for continuous operation. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | AC Axial Fan / External Rotor Motor | | **Voltage Range** | 100V - 115V AC (Standard for "A6" series) | | **Frequency** | 50 / 60 Hz | | **Phase** | Single Phase | | **Construction** | Metal frame with plastic or metal impellers | --- ### 2. Key Electronic Components The internal electronics of the M3A61FAA-R are designed for durability and thermal protection. * **External Rotor Motor:** Unlike standard motors where the rotor is inside the stator, this uses an external rotor design. This allows for better heat dissipation and a more compact footprint. * **Capacitor-Run Motor:** It usually incorporates a running capacitor to create the necessary phase shift for the starting torque and efficient operation. * **Thermal Protection:** Most variants include an internal thermal protector (impedance protected or thermal cutoff) to prevent the motor from burning out if the blades are obstructed. * **Winding Insulation:** Class B or Class F insulation is standard, allowing the electronics to withstand temperatures up to 130°C–155°C. --- ### 3. Wiring and Connection The "-R" suffix often denotes a specific lead wire configuration or a RoHS-compliant revision. | Wire Color | Function | | :--- | :--- | | **Black / Brown** | Live (L) | | **Blue / White** | Neutral (N) | | **Green/Yellow** | Ground (Earth) | --- ### 4. Application Areas Due to its robust electronic design, this part is frequently found in: 1. **Telecommunications:** Cooling for base stations and enclosures. 2. **Power Supplies:** Large-scale industrial UPS cooling. 3. **Medical Equipment:** Ventilation for imaging or laboratory machinery. 4. **HVAC:** Small-scale air handling units. --- ### 5. Maintenance and Safety * **Bearing Type:** Usually equipped with dual ball bearings for a lifespan of approximately 50,000+ hours. * **Voltage Sensitivity:** Ensure the input voltage matches the 115V rating; running it on 230V will result in immediate electronic failure. ---
    ✨ Follow-up Questions
    • ⤷What is the specific CFM (Airflow) rating for this motor?
    • ⤷ Can this fan motor be speed-controlled using a VFD?
    • ⤷ What are the mounting dimensions for the M3A61FAA-R?