전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A61FAD-R

  • AI
    The **M3A61FAD-R** is a specific part number belonging to a family of **DC-DC Converter modules**, typically manufactured by companies like **Murata** or associated power solution providers. These components are designed for point-of-load (PoL) power management in industrial or telecommunications hardware. --- ### 1. General Specifications The "M3A" series usually refers to high-efficiency, non-isolated switching regulators. Below is a breakdown of the typical electronic characteristics for this part category: | Feature | Description | | :--- | :--- | | **Component Type** | Non-isolated DC-DC Converter (Buck/Step-down) | | **Input Voltage Range** | Typically 4.5V to 14V DC | | **Output Voltage** | Often adjustable (e.g., 0.7V to 5.0V) | | **Output Current** | Usually rated for 6A to 20A (depending on specific revision) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Efficiency** | Up to 90-95% under optimal load | --- ### 2. Key Internal Electronic Components These modules are "System-in-Package" (SiP) solutions. If you were to look inside the M3A61FAD-R, you would find: * **PWM Controller:** The "brain" that regulates the switching frequency to maintain a constant output voltage. * **Power MOSFETs:** High-speed electronic switches that handle the current flow. * **Inductor:** A high-quality power inductor integrated into the package to store energy during the switching cycle. * **Feedback Network:** Precision resistors and capacitors that monitor the output voltage and signal the controller to adjust. --- ### 3. Pinout and Integration While specific datasheets should always be consulted for PCB layout, these parts generally utilize a standardized footprint: 1. **Vin:** Input supply voltage. 2. **Vout:** Regulated output voltage. 3. **GND:** Common ground reference. 4. **Trim/Adj:** A pin where an external resistor is placed to set the desired output voltage level. 5. **Enable/On-Off:** A logic-level input to turn the module on or off remotely. 6. **PGOOD:** (Power Good) A signal indicating the output is within the regulated range. --- ### 4. Common Applications * **FPGA Powering:** Providing the low-voltage, high-current rails required by Xilinx or Altera FPGAs. * **Server Motherboards:** Stepping down 12V bus power to CPU/RAM voltages. * **Telecommunications:** Base station hardware where high efficiency and small footprints are critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the M3A61FAD-R?
    • ⤷ What is the recommended external resistor value to set the output to 3.3V?
    • ⤷ Does this module require external heat sinking for full load operation?