전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A61FCG-R

  • AI
    The **M3A61FCG-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Toshiba**. It is designed primarily for automotive and industrial power management applications. --- ## 1. Technical Specifications The M3A61FCG-R belongs to the **U-MOSIX-H series**, which utilizes advanced trench technology to achieve low "ON-resistance" and high-speed switching. | Parameter | Value / Specification | | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 60 V | | **Continuous Drain Current ($I_D$)** | 45 A | | **Drain-Source On-Resistance ($R_{DS(ON)}$)** | 5.3 mΩ (Typical) @ $V_{GS}$ = 10V | | **Gate-Source Voltage ($V_{GSS}$)** | ±20 V | | **Total Gate Charge ($Q_g$)** | 22 nC (Typical) | | **Package Type** | TSON Advance (3.3mm x 3.3mm) | | **Operating Temperature** | -55°C to 175°C | --- ## 2. Key Features * **High Efficiency:** The extremely low $R_{DS(ON)}$ minimizes conduction losses, making it ideal for high-current applications. * **AEC-Q101 Qualified:** It meets automotive reliability standards, ensuring durability under harsh thermal and electrical conditions. * **Compact Footprint:** The TSON Advance package offers high power density, allowing for smaller PCB designs compared to traditional DPAK packages. * **Low Gate Charge:** Facilitates faster switching speeds and reduces driving losses. --- ## 3. Applications Due to its robust design and 60V rating, the M3A61FCG-R is commonly found in the following systems: 1. **Automotive Systems:** * Motor drivers for power steering or wipers. * DC-DC converters. * Load switches for electronic control units (ECUs). 2. **Power Management:** * Synchronous rectification in switching power supplies. * Battery protection circuits. 3. **Industrial:** * Small motor controls and power distribution modules. --- ## 4. Pin Configuration (Internal View) The TSON Advance package typically uses the following internal structure to optimize heat dissipation: ```text Top View _________ | 1 2 3 4 | <-- 1,2,3: Source / 4: Gate | | | (5) | <-- 5 (Bottom): Drain |_________| ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values (Rth) for the M3A61FCG-R?
    • ⤷ How does the U-MOSIX-H technology compare to previous Toshiba MOSFET generations?
    • ⤷ Are there recommended gate driver ICs to pair with this MOSFET?