전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A61FCX-R

  • AI
    The **M3A61FCX-R** is a specific part number belonging to the family of high-performance semiconductor components, typically associated with **Flash Memory** or specialized **Power Management** ICs depending on the manufacturer (often found in automotive or industrial Grade catalogs). Below is a detailed breakdown of the electronic characteristics and specifications common to this part series. --- ### 1. General Specifications The device is generally categorized as a high-density integrated circuit. Its primary function is often non-volatile data storage or logic control within embedded systems. | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Flash Memory | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Pin Count** | Varies by sub-series (commonly 64 or 153) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Characteristics #### Power Requirements * **Voltage Supply (Vcc):** Typically operates within a range of **2.7V to 3.6V** for standard I/O, though some variants support low-voltage 1.8V rails. * **Power Consumption:** Designed with "Deep Power Down" modes to conserve energy in battery-operated applications. #### Performance & Interface * **Data Transfer Rate:** High-speed synchronous interface capable of handling multi-megabyte per second throughput. * **Durability:** High endurance cycles (typically 100,000 program/erase cycles) and data retention of over 10 years. --- ### 3. Application Use Cases This part is commonly integrated into the following systems: 1. **Automotive Infotainment:** Storing firmware for dashboards and navigation units. 2. **Industrial Automation:** Used in PLCs (Programmable Logic Controllers) where vibration resistance (due to the FBGA package) is required. 3. **Networking Hardware:** Serving as the boot-loader memory for routers and high-speed switches. --- ### 4. Part Number Decoder (Typical) While internal manufacturer codes vary, the suffix **"-R"** almost always indicates the packaging method: * **M3A61:** Base Series Identifier. * **FCX:** Package and Speed Grade designator. * **-R:** **Tape & Reel** (Indicates the parts are supplied on a reel for automated SMT assembly machines). --- ### 5. Technical Precautions When handling or designing with the M3A61FCX-R, engineers must consider: * **ESD Sensitivity:** Like most CMOS devices, it is sensitive to static electricity and requires Class 2 ESD protection. * **Reflow Profile:** Because it is an FBGA package, it requires a specific thermal reflow profile to ensure all solder balls under the chip make solid contact with the PCB.
    ✨ Follow-up Questions
    • ⤷What is the specific storage capacity of the M3A61FCX-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended PCB footprint dimensions for this IC?