전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A62FCG-R

  • AI
    The **M3A62FCG-R** is a specific high-performance N-channel Power MOSFET developed by **Toshiba**. It belongs to the **U-MOSIX-H** series, which is designed for high-speed switching and low power loss in automotive and industrial applications. --- ### ## 1. Key Specifications The technical parameters define how much power the component can handle and its efficiency during operation. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 60 V | Maximum voltage the device can withstand. | | **Continuous Drain Current ($I_D$)** | 120 A | Maximum constant current flow. | | **On-Resistance ($R_{DS(ON)}$)** | ~1.6 mΩ | Resistance when fully on (lower is better for efficiency). | | **Package Type** | SOP Advance | A compact, surface-mount package with high heat dissipation. | | **Channel Type** | N-Channel | Standard MOSFET polarity for low-side switching. | --- ### ## 2. Core Features The M3A62FCG-R is engineered with several advanced characteristics: * **Low On-Resistance:** The extremely low $R_{DS(ON)}$ (typically around 1.3 to 1.6 mΩ) minimizes conduction losses, making it highly efficient. * **Low Gate Charge ($Q_g$):** This allows for faster switching speeds and reduces the power required from the gate driver circuit. * **AEC-Q101 Qualified:** It is rated for automotive use, meaning it can operate reliably in harsh environments with high temperature fluctuations. * **Small Footprint:** The SOP Advance package provides high power density, allowing for smaller PCB designs without sacrificing current capacity. --- ### ## 3. Common Applications Due to its high current handling and efficiency, this part is typically found in: 1. **Automotive DC-DC Converters:** Converting battery voltages within electric or hybrid vehicles. 2. **Motor Drivers:** Controlling brushless DC (BLDC) motors in automotive or industrial robotics. 3. **Load Switches:** Acting as an electronic fuse or relay to turn power on/off for specific subsystems. 4. **Switching Voltage Regulators:** Used in high-efficiency power supplies for telecommunications. --- ### ## 4. Schematic Representation In a circuit diagram, the connections for the M3A62FCG-R are as follows: ```text Drain (D) | +-----+-----+ | | Gate (G)---|<---| (N-Channel Enhancement Mode) | | +-----+-----+ | Source (S) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance rating for the M3A62FCG-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
    • ⤷ What are the recommended alternatives for the SOP Advance package?