전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A62TCA-R

  • AI
    The **M3A62TCA-R** is an industrial-grade motherboard specifically designed for **Micro-ATX** form factors. It was primarily engineered for embedded systems, digital signage, and industrial automation, utilizing the AMD chipset architecture. --- ### Core Electronic Specifications | Component | Specification Details | | :--- | :--- | | **Chipset** | AMD RS780L + SB710 | | **CPU Socket** | AM3 / AM2+ / AM2 (Supports AMD Phenom II / Athlon II / Sempron) | | **Memory Support** | 2 x DDR2 667/800/1066 MHz DIMM slots (Up to 8GB) | | **Storage Interface** | 6 x SATA II (3.0 Gb/s) with RAID 0, 1, 10 support | | **Expansion Slots** | 1 x PCIe x16, 1 x PCIe x1, 2 x PCI slots | | **Graphics** | Integrated ATI Radeon HD 3000 (DirectX 10 support) | --- ### Key Electronic Subsystems #### 1. Power Delivery and Voltage Regulation The board utilizes a **Multi-phase Voltage Regulator Module (VRM)**. This ensures stable DC-to-DC conversion from the ATX power supply to the low-voltage, high-current requirements of the AM3 processor. Industrial-grade capacitors are typically used to ensure longevity under high-temperature conditions. #### 2. Input/Output (I/O) Connectivity Designed for industrial peripherals, the board includes several legacy and modern interfaces: * **Dual Display:** Supports VGA and DVI-D output simultaneously. * **Networking:** Features a Realtek RTL8111DL Gigabit Ethernet controller for high-speed LAN. * **Serial Communication:** Includes internal headers for COM ports (RS-232), essential for CNC machinery or legacy industrial hardware. #### 3. Thermal Management The chipset (Northbridge/Southbridge) is cooled by **passive aluminum heatsinks**. Because it is designed for industrial enclosures, the board relies on ambient airflow or chassis fans, which are controlled via 3-pin/4-pin PWM headers monitored by the Super I/O chip. --- ### BIOS and System Management The board features an **AMI BIOS** stored on a SPI Flash ROM. It includes specific industrial features: * **Watchdog Timer:** Automatically resets the system if the software hangs. * **Hardware Monitoring:** Tracks voltages, fan speeds, and temperatures to prevent hardware failure.
    ✨ Follow-up Questions
    • ⤷ What are the compatible power supply requirements for the M3A62TCA-R?
    • ⤷ Can this motherboard support DDR3 memory via an adapter?
    • ⤷ How do I configure the Watchdog Timer on this specific model?