전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A66FAD-R

  • AI
    The **M3A66FAD-R** is a specialized power management integrated circuit (IC), specifically a **N-Channel enhancement mode Field Effect Transistor (MOSFET)**. These components are commonly used in power distribution and switching applications within consumer electronics, such as motherboards and power adapters. ### 1. General Specifications The following table summarizes the key electrical characteristics typically associated with the M3A66FAD-R: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | N-Channel MOSFET | Logic Level | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage across drain/source | 30V | | **Continuous Drain Current ($I_D$)** | Max current flow at $25^\circ C$ | ~60A - 80A | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | Resistance when fully "ON" | ~3.0 - 5.0 mΩ | | **Gate-Source Voltage ($V_{GS}$)** | Voltage required to trigger gate | $\pm$20V | | **Package Type** | Surface Mount Device | DFN5x6 / TO-252 | --- ### 2. Functional Roles In electronic circuits, the M3A66FAD-R performs several critical roles: * **DC-DC Conversion:** It is frequently found in the VRM (Voltage Regulator Module) section of motherboards to step down high voltages to lower levels required by CPUs or GPUs. * **Load Switching:** Acts as an electronic switch to turn on or off specific power rails to save energy or protect the system. * **PWM Control:** Works in conjunction with a PWM controller to handle high-frequency switching, ensuring stable power delivery. --- ### 3. Key Features * **Low $R_{DS(on)}$:** The very low internal resistance ensures that power loss (heat) is minimized during operation, which improves overall system efficiency. * **High Power Density:** Designed to handle significant current despite its small physical footprint. * **Fast Switching:** Optimized for high-frequency applications, allowing for smaller inductors and capacitors in the power circuit. --- ### 4. Common Troubleshooting Symbols When testing this part with a multimeter, the following behaviors are expected: 1. **Diode Test:** You should see a voltage drop (approx. 0.4V - 0.7V) between the Source and Drain in one direction (internal body diode). 2. **Short Circuit:** If there is zero resistance between the Gate and Source, the MOSFET is likely "blown" or shorted.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M3A66FAD-R?
    • ⤷ How do I test if this MOSFET is faulty using a multimeter?
    • ⤷ In which specific laptop or motherboard models is this part commonly found?