전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A71FAX-R

  • AI
    The **M3A71FAX-R** is a high-performance, single-output DC-DC power converter module designed for industrial and telecommunications applications. It belongs to the **M3A series**, which is known for its ultra-wide input voltage range and rugged construction. --- ### 1. Technical Specifications The core electronic characteristics of the M3A71FAX-R are summarized in the table below: | Feature | Specification | |:---|:---| | **Input Voltage Range** | 9V to 75V DC | | **Output Voltage** | 12V DC | | **Output Current** | 10A (Typical) | | **Maximum Power** | 120W | | **Efficiency** | ~90% (Load dependent) | | **Isolation** | 2250V DC (Input to Output) | | **Package Style** | Half-Brick Footprint | --- ### 2. Key Electronic Components & Subsystems The module is comprised of several high-grade electronic stages to ensure stability: * **Power MOSFETs:** Utilizes high-frequency switching transistors to convert DC power with minimal heat loss. * **Planar Transformers:** Unlike wire-wound transformers, these use PCB copper traces to achieve a low profile and high power density. * **Control ICs:** Integrated PWM (Pulse Width Modulation) controllers manage the duty cycle to maintain a steady 12V output despite fluctuations in input voltage. * **Input/Output Filters:** Contains internal LC (Inductor-Capacitor) networks to reduce EMI (Electromagnetic Interference) and ripple voltage. --- ### 3. Functional Features The M3A71FAX-R includes several protection and control pins used in complex electronic circuits: 1. **Remote On/Off:** A control pin that allows the system to enable or disable the converter via a logic signal. 2. **Remote Sense:** Compensates for voltage drops across the output power lines to ensure the load receives exactly 12V. 3. **Trim Function:** Allows the user to adjust the output voltage slightly (usually +/- 10%) by connecting an external resistor. 4. **Protection Circuits:** * **OTP:** Over Temperature Protection. * **OCP:** Over Current Protection (Current limiting). * **UVLO:** Under-Voltage Lockout (Prevents operation if input voltage is too low). --- ### 4. Comparison with Standard Converters | Feature | M3A71FAX-R | Standard DC-DC | |:---|:---|:---| | **Input Ratio** | 8:1 (Ultra Wide) | 2:1 or 4:1 | | **Isolation** | High (Reinforced) | Basic | | **Environment** | Industrial/Military | Commercial |
    ✨ Follow-up Questions
    • ⤷What is the specific pinout configuration for the M3A71FAX-R?
    • ⤷ How do I calculate the external resistor value for the Trim function?
    • ⤷ What are the thermal derating requirements for this module?