전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A71TCA-R

  • AI
    The **M3A71TCA-R** is an industrial-grade motherboard typically manufactured by brands like Mitac or used in specific embedded computing solutions. It is designed for reliability in 24/7 environments, often found in kiosks, digital signage, or industrial automation. Below is a breakdown of the key electronic components and specifications of this board. --- ### Core Specifications Table | Component Category | Specification Details | | :--- | :--- | | **Form Factor** | Thin Mini-ITX (Ideal for slim chassis) | | **Chipset** | Intel® H310 Express Chipset | | **CPU Socket** | LGA 1151 (Supports 8th/9th Gen Intel® Core™ i-series/Pentium®/Celeron®) | | **Memory Support** | 2 x DDR4 SO-DIMM slots (Up to 32GB, 2400/2666 MHz) | | **Graphics Output** | 1x HDMI, 1x DisplayPort, 1x LVDS/eDP (Internal) | | **Ethernet** | Dual Realtek® GbE LAN (RJ45) | | **Power Input** | 12V / 19V DC-in Jack (Single rail power) | --- ### Detailed Electronic Sub-Systems #### 1. Power Delivery and Management Unlike consumer motherboards that use a 24-pin ATX connector, the M3A71TCA-R features a **DC-in jack**. * **Voltage Regulation:** High-efficiency VRMs (Voltage Regulator Modules) handle the conversion of 12V/19V input down to the lower voltages required by the CPU (Vcore) and RAM. * **Solid Capacitors:** It typically uses industrial-grade solid capacitors which offer higher thermal resistance and longer lifespans compared to electrolytic versions. #### 2. Expansion and Storage Interfaces The board utilizes several "M.2" and "SATA" interfaces for modern electronic peripherals: * **M.2 Slot (Key E):** Usually reserved for Wireless/Bluetooth modules. * **M.2 Slot (Key M):** Supports NVMe or SATA SSDs for high-speed data storage. * **SATA III:** Includes standard 6Gb/s ports for traditional hard drives or SATA DOMs. #### 3. Connectivity and I/O (Input/Output) The electronic layout is optimized for peripheral communication: * **USB Controller:** Integrated into the H310 chipset, providing USB 3.0 and USB 2.0 headers. * **Serial Ports:** Often includes internal headers for RS232/422/485, crucial for industrial sensors and legacy equipment. * **Audio Codec:** Realtek High Definition Audio controller with line-out and mic-in capabilities. --- ### Use Case Application Because of its **Thin Mini-ITX** electronic footprint, this board is specifically engineered for: 1. **AIO (All-in-One) PCs:** Fits behind thin display panels. 2. **Edge Computing:** Low power consumption and dual LAN make it ideal for gateway devices. 3. **Industrial Controllers:** Supports LVDS, allowing it to drive LCD panels directly without a separate video card.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the DC-in jack on this board?
    • ⤷ Does the M3A71TCA-R support ECC memory for industrial reliability?
    • ⤷ Which specific Intel processors are recommended for the 35W TDP limit on Thin ITX boards?