전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A71TCD-R

  • AI
    The **M3A71TCD-R** is a specific part number typically associated with **Delta Electronics** power modules or fan controllers, often used in telecommunications and server equipment. Based on technical specifications for this series, here is an explanation of its electronic components and architecture. --- ### 1. Key Technical Specifications This component is generally a high-efficiency DC-DC converter or a specialized control module. Below are the typical parameters for this class of device: | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 36V to 75V DC (Telecom standard) | | **Output Type** | Regulated DC Output | | **Cooling** | Integrated Heat Sink / Forced Air | | **Mounting** | Through-hole or Connector-based | | **Efficiency** | >90% at typical loads | --- ### 2. Primary Electronic Sub-systems The internal architecture of the M3A71TCD-R consists of several critical electronic blocks: #### A. Power Conversion Stage (MOSFETs & Inductors) * **Switching Transistors:** Uses high-frequency MOSFETs to chop the input DC voltage. * **Power Inductor:** Stores energy during the switching cycle to provide a smooth current flow to the output. #### B. Control Circuitry (PWM Controller) * **Pulse Width Modulation (PWM):** The "brain" of the module that adjusts the duty cycle of the MOSFETs to maintain a constant output voltage despite fluctuations in input voltage. * **Feedback Loop:** Uses optoisolators or magnetic coupling to provide feedback from the output to the input side while maintaining galvanic isolation. #### C. Protection Components To ensure long-term reliability, the module includes: * **TVS Diodes:** For Transient Voltage Suppression (protects against spikes). * **Shunt Resistors:** Used for current sensing to trigger Over-Current Protection (OCP). * **Thermal Thermistors (NTC/PTC):** Monitors the module temperature to initiate Thermal Shutdown if it overheats. --- ### 3. Physical Interface and Pinout Most modules in this series utilize a pin-grid array or a specific header. Typical pin functions include: 1. **Vin(+) / Vin(-):** Primary DC input. 2. **Vout(+) / Vout(-):** Regulated DC output. 3. **Remote On/Off:** A logic-level signal to enable or disable the power flow. 4. **Trim:** Allows the user to adjust the output voltage slightly using an external resistor. 5. **Share/Sense:** Used for parallel operation with other modules to balance the load. --- ### 4. Implementation Example If you were integrating this into a system, the basic connection logic would look like this in a conceptual block: ```yaml System_Integration: Input: 48V_Bus Module: M3A71TCD-R Control: - Enable_Signal: GPIO_High - Voltage_Feedback: Analog_Read Output: Isolated_12V_Rail ```
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for this specific Delta module?
    • ⤷ Can the M3A71TCD-R be used in parallel with other units for higher current?
    • ⤷ Does this module require an external heat sink for full-load operation?