전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A72FCD-R

  • AI
    The **M3A72FCD-R** is a specialized power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) commonly used in power management and switching applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This component is an **N-Channel enhancement mode MOSFET**. It is designed to handle high current loads with high efficiency, primarily serving as a switch or regulator in electronic circuits. ### 2. Technical Specifications The typical electrical characteristics for this class of MOSFET are outlined in the table below: | Parameter | Symbol | Typical Value/Range | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | 60A - 80A (depending on thermal cooling) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~4.0mΩ - 6.0mΩ (@ $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | Case | TO-252 (D-PAK) or PDFN | | **Operating Temperature** | $T_j$ | -55°C to +150°C | --- ### 3. Key Electronic Features * **Low On-Resistance ($R_{DS(on)}$):** The very low resistance when the device is "ON" reduces power dissipation (heat), making it highly efficient for high-current applications. * **Fast Switching Speed:** Designed for high-frequency DC-DC converters. * **Trench Technology:** Utilizes advanced trench gate designs to achieve high cell density, which improves performance and reduces the footprint. * **Logic Level Drive:** Can often be triggered by lower gate voltages, making it compatible with various microcontrollers and PWM controllers. ### 4. Typical Applications The M3A72FCD-R is frequently found in the following electronic modules: 1. **Motherboard VRMs:** Voltage Regulator Modules for CPUs and GPUs. 2. **DC-DC Converters:** Buck or Boost converters in telecommunications. 3. **Motor Drivers:** Speed control for small brushless DC (BLDC) motors. 4. **Battery Management:** Protection circuits and load switching in battery packs. --- ### 5. Pin Configuration (TO-252 Package) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Gate** | Controls the "on" and "off" state of the MOSFET. | | 2 / Tab | **Drain** | The terminal where the load current enters. | | 3 | **Source** | The terminal where the current exits to the ground or return path. |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent cross-reference parts for the M3A72FCD-R?
    • ⤷ How do I calculate the power dissipation of this MOSFET in a circuit?
    • ⤷ What is the importance of the Gate-Source Threshold Voltage ($V_{GS(th)}$) for this part?