전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A72TAD-R

  • AI
    The **M3A72TAD-R** refers to a high-performance industrial motherboard (often associated with the Advantech or similar server-grade ecosystems) based on the **AMD 780G + SB700** chipset. It is designed for the AM2+ socket, supporting AMD Phenom and Athlon processors. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Core Chipset Architecture The board utilizes a classic Northbridge/Southbridge architecture common in high-reliability industrial applications. | Component | Part/Specification | Function | | :--- | :--- | :--- | | **Northbridge** | AMD 780G | Manages high-speed communication between CPU, RAM, and PCIe. | | **Southbridge** | AMD SB700 | Manages SATA, USB, and legacy I/O (LPC, PCI). | | **CPU Socket** | Socket AM2+ | Supports Phenom II, Phenom, Athlon 64 X2, and Sempron. | | **Graphics** | ATI Radeon HD3200 | Integrated GPU with DirectX 10 support. | --- ### 2. Memory and Storage Interface The board is engineered for stability and data integrity, often found in automation and medical imaging environments. * **RAM Slots:** 4x 240-pin DIMM sockets. * **Memory Type:** Dual-channel DDR2 1066/800/667 MHz. * **Max Capacity:** Up to 8GB (standard for that architecture). * **SATA:** 6x Serial ATA II (300 MB/s) connectors supporting RAID 0, 1, 10. * **IDE:** 1x EIDE channel (supports two Ultra DMA 100/133 devices). --- ### 3. Expansion and Connectivity (I/O) Industrial boards prioritize "Legacy" support alongside modern standards for specialized hardware cards. #### Expansion Slots * **PCI-Express:** 1x PCIe x16 (Gen 2.0) for high-end GPUs or RAID controllers. * **PCI:** 2x 32-bit/33 MHz PCI slots for legacy industrial interface cards. * **PCIe x4/x1:** Varies by specific revision, usually 1x PCIe x4. #### Rear I/O Electronic Ports * **Ethernet:** Dual Gigabit LAN (usually Realtek RTL8111C) using PCIe x1 bus. * **Audio:** Realtek ALC888 High Definition Audio (7.1 channel). * **Video:** VGA (D-Sub) and DVI/HDMI (depending on the specific bracket configuration). * **USB:** 12x USB 2.0 ports (6 on rear, 6 via headers). --- ### 4. Power and Thermal Management * **Power Input:** Standard 24-pin ATX and 4-pin/8-pin 12V CPU power. * **Capacitors:** Usually features high-quality solid capacitors near the CPU VRM (Voltage Regulator Module) to ensure long-term stability under 24/7 operation. * **Cooling:** Passive heatsinks on both the Northbridge and Southbridge to reduce mechanical failure points (no fans on the chips). --- ### 5. Specialized Industrial Features * **Watchdog Timer:** Programmable 1 ~ 255 sec/min; triggers a system reset if the software freezes. * **CMOS:** Battery-backed SRAM for BIOS settings. * **COM Ports:** Multiple RS-232/422/485 headers for industrial machine communication.
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU options for the AM2+ socket on this board?
    • ⤷ Does the M3A72TAD-R support Windows 10 or is it restricted to legacy OS?
    • ⤷ How do I configure the Watchdog Timer for industrial automation?