전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A72TAX-R

  • AI
    The **M3A72TAX-R** is an industrial-grade motherboard designed by **Advantech**. It is built on the ATX form factor and is specifically engineered for longevity and stability in industrial automation and communication environments. Below is a breakdown of its key electronic components and specifications: ### 1. Core Architecture & Chipset This board utilizes a combination of AMD processors and a specific chipset designed for high-speed I/O and graphics support. | Component | Specification | | :--- | :--- | | **CPU Socket** | AMD Socket AM2+ / AM2 | | **Supported CPUs** | AMD Phenom II, Phenom, Athlon 64 X2, Athlon 64, Sempron | | **Chipset** | AMD 780G + SB700 | | **FSB/HT** | HyperTransport 3.0 (up to 5200 MT/s) | --- ### 2. Memory System The electronic design supports Dual Channel DDR2 memory, which was standard for the AM2+ era, providing reliable data throughput. * **Type:** 240-pin DIMM. * **Capacity:** Up to 8 GB total. * **Speed:** DDR2 667/800 MHz. * **Slots:** 4 slots (Color-coded for dual-channel configuration). --- ### 3. Expansion Slots & Connectivity The "R" in the model often signifies specific revisions or features like RAID support. The electronic layout provides a mix of legacy and modern (at the time) bus interfaces. #### Expansion Interface * **PCIe x16:** 1 Slot (Gen 2.0) for high-performance graphics or FPGA cards. * **PCIe x4:** 1 Slot. * **PCI Slots:** 5 Slots (32-bit/33 MHz) – This is high for a standard board, catering to industrial legacy cards. #### Storage & I/O * **SATA:** 6 x SATA II (300 MB/s) supporting RAID 0, 1, 5, 10. * **Ethernet:** Dual 10/100/1000 Mbps LAN (Realtek RTL8111C controllers). * **Graphics:** Integrated ATI Radeon HD3200 (VGA output). --- ### 4. Specialized Industrial Features Unlike consumer boards, the M3A72TAX-R includes specific electronic protections: 1. **Watchdog Timer:** A programmable electronic timer that can reset the system if the software hangs. 2. **Long Lifecycle:** Built with high-quality capacitors and components rated for 24/7 operation. 3. **COM Ports:** Multiple RS-232/422/485 headers for connecting to PLC and industrial sensors. --- ### 5. Power and Environmental Specs ```yaml Power_Input: ATX 24-pin + 4-pin 12V Operating_Temperature: 0 ~ 60° C (32 ~ 140° F) Dimensions: 305 mm x 244 mm (Standard ATX) ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible power supply requirements for this board?
    • ⤷ Can this motherboard support Windows 10 or is it limited to older OS versions?
    • ⤷ How do I configure the Watchdog Timer on the M3A72TAX-R?