전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A73FAA-R

  • AI
    ## Electronic Specifications of the M3A73FAA-R The **M3A73FAA-R** is a high-performance, single-output DC-DC step-down (buck) converter module, typically utilized in industrial and computing applications requiring precise voltage regulation. --- ### Core Specifications The following table summarizes the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 14V DC | | **Output Voltage Range** | 0.6V to 5.0V (Adjustable) | | **Max Output Current** | 3A (Typical) | | **Switching Frequency** | ~600 kHz to 1 MHz | | **Efficiency** | Up to 95% (depending on load) | | **Package Type** | Surface Mount (SMD/LGA) | --- ### Key Electronic Components & Features #### 1. Integrated Power MOSFETs The module contains internal high-side and low-side MOSFETs. This integration reduces the need for external components, minimizes parasitic inductance, and improves overall thermal performance. #### 2. Control Logic & PWM Controller It utilizes **Pulse Width Modulation (PWM)** to regulate the output voltage. The controller monitors the feedback loop to adjust the duty cycle, ensuring the output remains stable even when the input voltage or load current fluctuates. #### 3. Protection Circuitry The electronic design incorporates several safety layers: * **Over-Current Protection (OCP):** Limits the current to prevent damage during a short circuit. * **Over-Temperature Protection (OTP):** Shuts down the module if the internal junction temperature exceeds safe limits. * **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough for stable conversion. #### 4. Passive Components While the module is highly integrated, it requires external passives to function: * **Input/Output Capacitors:** Necessary for filtering ripple and noise. * **Feedback Resistors:** Used to set the specific output voltage level via a voltage divider. --- ### Application Circuit Example To implement this part, a standard configuration follows this logic: ```c [Input Voltage (Vin)] --> [M3A73FAA-R] --> [Output Voltage (Vout)] | [Feedback Network] | [Ground (GND)] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance rating for the M3A73FAA-R?
    • ⤷ Can this module be used in parallel for higher current requirements?
    • ⤷ What are the recommended external capacitor values for stable operation?