전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A74FCA-R

  • AI
    The **M3A74FCA-R** is an industrial-grade motherboard typically designed for embedded systems, digital signage, and specialized computing applications. It is often associated with manufacturers like **Avalue Technology**. Below is a detailed breakdown of its primary electronic components and specifications. --- ### 1. Core Processing & Chipset This board is built on a specific architecture designed for stability and longevity. | Component | Specification | | :--- | :--- | | **CPU Socket** | Support for specific processors (often AMD or Intel depending on the specific revision/series). | | **Chipset** | Typically utilizes an industrial-grade Bridge (Northbridge/Southbridge) for high-speed I/O management. | | **BIOS** | AMI UEFI BIOS with support for "Watchdog Timers" (crucial for industrial reliability). | ### 2. Memory & Storage Interfaces The electronic layout prioritizes data integrity and speed. * **RAM Slots:** Usually 2x DDR3/DDR4 SO-DIMM slots (supporting up to 16GB or 32GB). * **SATA Connectors:** High-speed SATA III (6Gb/s) ports for SSDs and HDDs. * **Expansion:** Often includes an mSATA or M.2 slot for compact solid-state storage. ### 3. Power Regulation & PCB Design Industrial boards like the M3A74FCA-R use higher-grade electrical components than consumer boards: * **Solid Capacitors:** These are used to increase the lifespan of the board under high-heat conditions. * **DC-In Circuitry:** Often supports a wide range of voltage inputs (e.g., 12V to 24V DC) rather than a standard ATX power supply. * **Thermal Management:** Features localized heat sinks for the chipset and VRM (Voltage Regulator Modules). ### 4. Input/Output (I/O) Logic The board features various controllers to handle external communication: 1. **Ethernet:** Dual or Single Gigabit Ethernet controllers (often Intel or Realtek). 2. **Serial Ports:** Integrated RS-232/422/485 headers for connecting to legacy industrial machinery. 3. **Display Logic:** Integrated headers for LVDS (Low-Voltage Differential Signaling) to drive LCD panels directly, alongside HDMI or VGA. --- ### Technical Summary Table | Feature | Description | | :--- | :--- | | **Form Factor** | Often 3.5" SBC (Single Board Computer) or Mini-ITX. | | **USB Support** | Mix of USB 2.0 and USB 3.0/3.1 ports. | | **Audio** | Realtek ALC series High Definition Audio codec. | | **GPIO** | 8-bit General Purpose I/O for hardware-level triggers. | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M3A74FCA-R?
    • ⤷ Which processor generations are compatible with this motherboard?
    • ⤷ Does this board support dual-display output for industrial monitors?