전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A74TAX-R

  • AI
    The **M3A74TAX-R** is an industrial-grade ATX motherboard manufactured by **iBASE**. It is designed for longevity and stability, utilizing the **AMD 740G + SB710** chipset. --- ## 1. Core Hardware Specifications The electronic architecture of the M3A74TAX-R is centered around legacy support and high-reliability components. | Component | Specification | Details | | :--- | :--- | :--- | | **CPU Socket** | Socket AM3 | Supports AMD Phenom™ II / Athlon™ II processors | | **Chipset** | AMD 740G + SB710 | Northbridge handles graphics; Southbridge handles I/O | | **Memory Slots** | 2x DDR3 DIMM | Supports up to 8GB (1066/1333 MHz) | | **Graphics** | Integrated ATI Radeon™ 2100 | Integrated into the Northbridge | | **Power Input** | 24-pin ATX + 4-pin 12V | Standard industrial power distribution | --- ## 2. Key Electronic Features & Interfaces As an industrial board, it contains specific electronic parts not found on standard consumer boards: ### Expansion Slots To maintain compatibility with older specialized hardware (like data acquisition cards), it features: * **4x PCI Slots:** Traditional 32-bit/33MHz PCI bus. * **1x PCI-E (x16):** For high-speed discrete graphics or FPGA cards. * **1x PCI-E (x1):** For basic expansion. * **1x ISA Slot:** A rare legacy interface (bridged) used for very old industrial equipment. ### Connectivity & Storage * **SATA II:** 6x SATA II (3Gb/s) ports managed by the SB710 Southbridge. * **COM Ports:** Multiple RS-232/422/485 headers for PLC and sensor communication. * **Super I/O:** Typically utilizes a Winbond or ITE chip to manage legacy ports (PS/2, Serial, Parallel) and hardware monitoring (fan speeds, voltages). ### Reliability Components * **Solid Capacitors:** Typically used in the VRM (Voltage Regulator Module) area to ensure heat resistance and longer lifespan compared to electrolytic capacitors. * **Watchdog Timer:** A specialized circuit that restarts the system automatically if the software hangs. --- ## 3. Block Diagram Overview The electronic flow follows a classic "Hub" architecture: ```text [CPU (AM3)] <---> [Northbridge (740G)] <---> [Graphics / Memory] | | (A-Link Express II) | [Southbridge (SB710)] <---> [SATA / USB / PCI / ISA] ```
    ✨ Follow-up Questions
    • ⤷ Does the M3A74TAX-R support Windows 10
    • ⤷ or is it restricted to legacy OS?
    • ⤷ How does the ISA slot function on a modern chipset like the 740G?
    • ⤷ What are the specific power requirements for the VRM on this board?