전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A75TAA-R

  • AI
    The **M3A75TAA-R** is an industrial-grade Micro-ATX motherboard manufactured by **IEI Integration Corp**. It is designed for high-performance computing, specifically utilizing the AMD platform for industrial automation, digital signage, and imaging systems. --- ### 1. Core Architecture & Chipset The board is built around the **AMD 785G** Northbridge and the **SB710** Southbridge. This combination was popular for balancing power efficiency with integrated graphics capabilities. | Component | Specification | | :--- | :--- | | **Socket** | AM3 (Supports AMD Phenom II, Athlon II, Sempron) | | **Chipset** | AMD 785G + SB710 | | **Form Factor** | Micro-ATX (244mm x 244mm) | | **TDP Support** | Up to 95W processors | --- ### 2. Memory & Storage Interface The board utilizes DDR3 technology, which was the standard for this architecture, offering a significant bandwidth increase over DDR2. * **Memory Slots:** 4 x 240-pin DIMM. * **Max Capacity:** Up to 16GB. * **Type:** Dual-channel DDR3 1066/800 MHz. * **SATA:** 6 x SATA 3Gb/s with RAID 0, 1, 10 functionality. --- ### 3. Integrated Graphics and Video Output The "TAA" in the series often refers to specialized output configurations. The AMD 785G chipset integrates an **ATI Radeon HD 4200** GPU. * **Video Ports:** Typically includes VGA and HDMI/DVI. * **Features:** Hardware acceleration for Blu-ray/HD video and DirectX 10.1 support. * **Shared Memory:** Can allocate up to 512MB of system RAM for video. --- ### 4. Expansion and I/O Connectivity As an industrial board, it prioritizes "legacy" support alongside modern PCIe lanes for expansion cards. | Slot/Port Type | Quantity/Details | | :--- | :--- | | **PCI Express** | 1 x PCIe x16, 1 x PCIe x4 | | **Legacy PCI** | 2 x PCI Slots (32-bit) | | **Ethernet** | Dual Realtek RTL8111CP PCIe GbE controllers | | **USB** | Up to 10 x USB 2.0 (4 on rear, 6 via headers) | | **Serial Ports** | Multiple RS-232 headers (Common for industrial sensors) | --- ### 5. Specialized Industrial Features Unlike consumer boards, the M3A75TAA-R includes parts meant for long-term stability and remote management: 1. **Watchdog Timer:** A programmable hardware timer that resets the system if the software crashes. 2. **TPM Support:** Header for Trusted Platform Module for hardware-based security. 3. **Solid Capacitors:** Used in the VRM (Voltage Regulator Module) area to ensure longevity under 24/7 operation. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible AMD CPU series for the AM3 socket on this board?
    • ⤷ Does this motherboard support RAID configurations for data redundancy?
    • ⤷ What are the specific power supply requirements for the M3A75TAA-R?