전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A76TAD-R

  • AI
    The **M3A76TAD-R** is an industrial-grade motherboard manufactured by **ADLINK**. It is designed for longevity and high stability, utilizing the **AMD 760G + SB710** chipset. --- ### Core Electronic Components and Specifications | Component Category | Specification / Details | | :--- | :--- | | **Form Factor** | Micro-ATX (244mm x 244mm) | | **CPU Socket** | Socket AM3 (Supports AMD Phenom II, Athlon II, Sempron) | | **Chipset** | Northbridge: AMD 760G \| Southbridge: SB710 | | **Memory Slots** | 4x 240-pin DIMM (DDR3 1066/1333 MHz) | | **Expansion Slots** | 1x PCIe x16, 1x PCIe x1, 2x PCI | | **Storage Interfaces** | 6x SATA II (3 Gb/s), RAID 0/1/10 support | | **Graphics** | Integrated ATI Radeon™ HD 3000 | --- ### Key Hardware Features #### 1. Power Regulation The board features industrial-grade **Solid Capacitors** near the CPU socket. These are critical for: * **Heat Resistance:** Rated for higher temperatures compared to standard electrolytic capacitors. * **MTBF (Mean Time Between Failures):** Designed for 24/7 operation in industrial environments. #### 2. Networking and Connectivity * **Ethernet:** Dual Gigabit LAN ports, typically powered by **Realtek RTL8111** controllers, which interface via the PCIe bus for high-speed data throughput. * **Super I/O:** Utilizes specialized chips (often from Winbond or ITE) to manage legacy ports like RS-232/422/485, which are essential for connecting to PLC or CNC machinery. #### 3. Video Output Logic The board manages video through the **ATI Radeon HD 3000** engine embedded in the Northbridge. It typically supports: * **VGA (Analog):** Standard D-Sub connector. * **DVI-D (Digital):** For high-resolution digital displays without signal degradation. #### 4. BIOS and Management * **SPI Flash:** Uses an SPI serial flash memory chip for the BIOS. * **Watchdog Timer:** A hardware circuit that automatically resets the system if the software hangs, a critical requirement for remote industrial installations. --- ### Physical Layout Overview The electronic layout is optimized for airflow and accessibility within a rack-mount chassis. The Northbridge (AMD 760G) is usually covered by a passive aluminum heatsink to dissipate heat without the need for a noisy, failure-prone fan.
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for this motherboard?
    • ⤷ Does the M3A76TAD-R support ECC memory for industrial data integrity?
    • ⤷ How do I configure the Watchdog Timer on this specific board?