전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3A78TCD-R

  • AI
    The **M3A78TCD-R** is an industrial-grade motherboard manufactured by **Portwell**. It is designed around the AMD platform, specifically targeting embedded applications, industrial automation, and high-performance computing tasks requiring long-term availability. Below is a detailed breakdown of its key electronic components and technical specifications. --- ### 1. Core Chipset and Processor Support The board utilizes a combination of AMD chipsets designed for high-speed data throughput and robust integrated graphics. | Component | Specification | | :--- | :--- | | **CPU Socket** | Socket AM3 / AM3+ | | **Processor Support** | AMD Phenom II, Athlon II, and Sempron processors | | **Northbridge** | AMD 780E | | **Southbridge** | AMD SB710 | | **TDP Support** | Supports CPUs up to 95W - 125W (depending on revision) | ### 2. Memory and Storage Interface The electronic layout prioritizes data integrity and expansion for industrial storage needs. * **RAM Slots:** 4x 240-pin DIMM slots. * **Memory Type:** Dual-channel DDR3 1066/1333 MHz. * **Max Capacity:** Up to 16GB. * **SATA:** 6x SATA II (3.0 Gb/s) connectors supporting RAID 0, 1, 10. * **Legacy IDE:** Often includes 1x IDE connector for older industrial drives. ### 3. Expansion Slots and Connectivity The "R" in the model often signifies specific riser or RAID configurations tailored for rackmount servers. | Slot Type | Quantity | Purpose | | :--- | :--- | :--- | | **PCI-Express x16** | 1 | High-end GPU or FPGA accelerators | | **PCI-Express x4** | 1 | High-speed networking or RAID cards | | **PCI Slots** | 2 | Legacy industrial I/O and DAQ cards | | **Ethernet** | 2 | Dual Gigabit LAN (usually Intel or Realtek) | ### 4. Integrated Graphics and I/O The AMD 780E chipset includes an integrated **ATI Radeon HD 3200** GPU, which provides hardware acceleration for video without needing a discrete card. * **Video Outputs:** VGA, DVI-D, and sometimes HDMI (layout dependent). * **USB:** 12x USB 2.0 ports (combination of rear I/O and internal headers). * **Serial Ports:** Includes RS-232/422/485 headers, critical for industrial machine communication. ### 5. Industrial Features (Power & Reliability) Unlike consumer boards, the M3A78TCD-R features specialized circuitry: * **Watchdog Timer:** Programmable timer to reboot the system if software hangs. * **Solid Capacitors:** Used in the Voltage Regulator Module (VRM) for high-temperature longevity. * **Long Life Cycle:** Components are selected for a 5-7 year production life. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power supply requirements for the M3A78TCD-R?
    • ⤷ Does this motherboard support ECC memory for industrial data integrity?
    • ⤷ How do I configure the Watchdog Timer on this specific Portwell board?