전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E18XPX-R

  • AI
    The **M3E18XPX-R** belongs to a specific category of high-performance magnetic encoders or sensor modules, typically manufactured by companies like **Broadcom (Avago)** or specialized industrial sensor firms. These parts are designed for precise motion control in robotics and industrial automation. --- ### 1. Component Overview The "M3" series generally refers to **Magnetic Encoder Kits**. These are non-contact sensors used to translate mechanical motion (rotation) into electrical signals. | Feature | Description | | :--- | :--- | | **Type** | Magnetic Incremental Encoder | | **Technology** | Hall-effect sensing or Magnetic Resistance | | **Interface** | Typically Differential Line Driver (RS-422) | | **Form Factor** | Modular / Integrated housing | --- ### 2. Key Electronic Characteristics The part number suffix (18XPX-R) usually defines the resolution, electrical output, and physical configuration. * **Resolution:** Often supports high counts per revolution (CPR). The "18" in many naming conventions refers to 18-bit resolution or a specific physical diameter. * **Output Signals:** * **A/B Channels:** Two signals in quadrature to determine speed and direction. * **Index Channel (Z):** A once-per-revolution pulse for homing. * **Differential Output:** Uses paired signals (A, A-, B, B-) to cancel out electromagnetic interference (EMI). * **Power Requirements:** Standard industrial 5V DC supply. * **ROHS Compliance:** The "-R" suffix almost always indicates **RoHS compliance** (Lead-free). --- ### 3. Internal Block Diagram The internal electronics of such a part generally consist of three main stages: | Stage | Component | Function | | :--- | :--- | :--- | | **Sensing** | Hall Effect Array | Detects the magnetic field of the rotating magnet. | | **Processing** | Interpolator ASIC | Converts raw analog sine/cosine waves into digital pulses. | | **Output** | Line Driver IC | Boosts signal strength for long cable runs and noise immunity. | --- ### 4. Application Environments Because these parts are magnetic rather than optical, they are preferred in harsh environments: * **Dust/Oil Resistance:** Magnetic fields are unaffected by dirt that would blind an optical encoder. * **Vibration:** The non-contact nature prevents wear and tear. * **Robotics:** Used in BLDC (Brushless DC) motor feedback for joint positioning. --- ### 5. Technical Specification Summary | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage** | 4.5V to 5.5V | | **Max Frequency** | Up to 1 MHz | | **Operating Temp** | -40°C to +105°C | | **Mounting** | Through-hole or Modular shaft mount | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific Resolution (CPR) for the 18XPX variant?
    • ⤷ How does a magnetic encoder compare to an optical encoder in terms of accuracy?
    • ⤷ What are the pinout configurations for the differential output?