전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E22XPA-R

  • AI
    The **M3E22XPA-R** is a high-performance, compact **Integrated Servo Motor** developed by **Tamagawa Seiki**. It is part of the "AC Servo Motor" family that integrates the motor, encoder, and control circuitry into a single unit. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the M3E22XPA-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | DC 24V to 48V | | **Rated Output** | ~200W (Varies by specific series load) | | **Rated Torque** | 0.64 N·m | | **Max Speed** | 3000 RPM | | **Encoder Type** | 17-bit Absolute Encoder (Battery-less) | | **Communication Interface** | RS-485 / Pulse Train Control | | **Protection Rating** | IP65 (Typically) | --- ## 2. Core Electronic Components The "Integrated" nature of this motor means the electronic assembly is divided into three functional blocks: ### A. Power Stage (Inverter) The internal drive circuit uses **MOSFETs** arranged in a three-phase bridge configuration. * **Function:** Converts DC input into Pulse Width Modulation (PWM) signals to drive the brushless motor. * **Thermal Management:** The electronics are mounted directly to the aluminum rear housing to dissipate heat generated by switching losses. ### B. Feedback System (The Encoder) The "XPA" suffix typically denotes a high-resolution **17-bit absolute encoder**. * **Technology:** Uses optical or magnetic sensing to track rotor position. * **Electronic Feature:** It is an **Absolute** encoder, meaning the system remembers its position even after a power cycle without needing a "Home" sensor. ### C. Logic and Control Board * **Microcontroller (MCU/DSP):** Processes PID control loops for position, speed, and torque. * **Communication Transceiver:** Handles RS-485 serial communication, allowing for daisy-chaining multiple motors or connecting to a PLC/PC. * **Protective Circuitry:** Built-in sensors for over-current, over-voltage, and over-temperature protection. --- ## 3. Connector Pinout Overview The electronics are accessed via specialized connectors (often circular industrial connectors). 1. **Power Connector:** High-current pins for DC power (VDC/GND). 2. **I/O Connector:** * **Pulse/Direction:** For traditional CNC control. * **Serial Comms:** (A/B lines) for parameter tuning via software. * **Alarm Outputs:** Digital signals to notify the master controller of a fault. --- ## 4. Operational Advantages * **Space Saving:** By moving the electronics from the control cabinet to the motor itself, cable complexity is reduced by up to 70%. * **Reduced EMI:** Since the high-frequency motor leads are internal, there is significantly less electromagnetic interference compared to traditional motor+drive setups.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the RS-485 communication pins on the M3E22XPA-R?
    • ⤷ Can this motor be operated using EtherCAT or is it limited to RS-485?
    • ⤷ What software is required to configure the internal parameters of the Tamagawa integrated motors?